Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1994CDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT1994CDD
Description  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994CDD Datasheet(HTML) 2 Page - Linear Technology

  LT1994CDD Datasheet HTML 1Page - Linear Technology LT1994CDD Datasheet HTML 2Page - Linear Technology LT1994CDD Datasheet HTML 3Page - Linear Technology LT1994CDD Datasheet HTML 4Page - Linear Technology LT1994CDD Datasheet HTML 5Page - Linear Technology LT1994CDD Datasheet HTML 6Page - Linear Technology LT1994CDD Datasheet HTML 7Page - Linear Technology LT1994CDD Datasheet HTML 8Page - Linear Technology LT1994CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1994
2
1994fa
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
IN–
VOCM
V+
OUT+
IN+
SHDN
V–
OUT–
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V–
1
2
3
4
IN–
VOCM
V+
OUT+
8
7
6
5
IN+
SHDN
V–
OUT–
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 140°C/W
ORDER PART NUMBER
DD PART MARKING*
ORDER PART NUMBER
MS8 PART MARKING*
LT1994CDD
LT1994IDD
LBQM
LBQM
LT1994CMS8
LT1994IMS8
LTBQN
LTBQN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage
(Input Referred)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
●
●
●
●
±2
±2
±2
±3
mV
mV
mV
mV
ΔVOSDIFF/ΔT
Differential Offset Voltage Drift
(Input Referred)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
3
3
3
3
μV/°C
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
(Note 6)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
●
●
●
●
–45
–45
–45
–45
–18
–18
–18
–18
–3
–3
–3
–3
μA
μA
μA
μA
Total Supply Voltage (V+ to V–) ..............................12.6V
Input Voltage (Note 2)............................................... ±VS
Input Current (Note 2)..........................................±10mA
Input Current (VOCM, ⎯S⎯H⎯D⎯N)................................±10mA
VOCM, ⎯S⎯H⎯D⎯N .............................................................±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ... –40°C to 85°C
(Note 1)
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 5) .... –40°C to 85°C
Junction Temperature
MS8 .................................................................. 150°C
DFN8................................................................. 125°C
Storage Temperature Range
MS8 ................................................... –65°C to 150°C
DFN8.................................................. –65°C to 125°C
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 3V, V– = 0V, V
CM = VOCM = VICM = mid-supply, V
⎯S⎯H⎯D⎯N = OPEN,
RI = RF = 499Ω, RL = 800Ω to a mid-supply voltage (See Figure 1) unless otherwise noted. VS is defined (V
+ – V–). V
OUTCM is defined
as (VOUT
+ + V
OUT
–)/2. V
ICM is defined as (VIN
+ + V
IN
–)/2. V
OUTDIFF is defined as (VOUT
+ – V
OUT
–). V
INDIFF is defined as (VIN
+ – V
IN
–).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com