Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CPL Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC850CPL
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CPL Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC850CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3-89
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 9. Conversion Timing, Demand Mode
Figure 10. Bus Output Timing, Demand Mode
WR PULSES ARE IGNORED
836 CLOCK CYCLES
1100 CLOCK CYCLES
INTERNAL
CLOCK
BUSY
DB0-DB7
CS
.
CE
NEXT CONVERT
COMMAND WILL
BE RECOGNIZED
PREVIOUS CONVERSION
DATA VALID
DATA MEANINGLESS
NEW CONVERSION DATA VALID
NEXT
CONVERSION
CAN BEGIN
319 CLOCK
CYCLES
125 CLOCK
CYCLES
. . . .
. . . . . . . .
WR
DB0-DB6
DB7
OVR/POL
L/H
tCE
tDHC
tDHR
tRE
CS
.
CE
HI-Z
*
DATA BITS 8 TO 14
HIGH IMPEDANCE
HIGH IMPEDANCE
DONT' CARE
DONT' CARE
DATA BITS
0 T0 6
HI-Z
"1"= INPUT
OVERRANGE
"1"= POSITIVE
POLARITY
DATA BIT 7
tOP
tLH
RD
NOTE: CONT/DEMAND = LOW
*RD (as well as CS and CE) can go HIGH after each byte is read (i.e., in a
µP bus interface)
or remain LOW during the entire DATA-READ sequence (i.e.,
µP I/O port interface).
TC850
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com