Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CPL Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC850CPL
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CPL Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC850CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3-79
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS (Cont.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tLH
Low/High Byte Access Time
CS = HIGH, CE = LOW, RD = LOW (Note 1)
—
140
300
nsec
Clock Setup Time
Positive or Negative Pulse Width
100
—
—
nsec
tWRE
RD Minimum Pulse Width
CS = HIGH, CE = LOW (Note 2)
450
230
—
nsec
tWRD
RD Minimum Delay Time
CS = HIGH, CE = LOW (Note 2)
150
50
—
nsec
tWWR
WR Minimum Pulse Width
CS = HIGH, CE = LOW, Demand Mode
75
25
—
nsec
Clock Setup Time
Positive or Negative Pulse Width
100
—
—
nsec
NOTES: 1. Demand mode, CONT/DEMAND = LOW. Figure 10 timing diagram. CL = 100pF.
2. Continuous mode, CONT/DEMAND = HIGH. Figure 12 timing diagram.
3. Digital inputs have CMOS logic levels and internal pull-up/pull-down resistors. For TTL compatibility, external pull-up resistors to VCC are
recommended.
TC850CPL
TC850IJL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
COMMON
CBUFB
BUFFER
INTIN
INTOUT
COMP
NC = NO INTERNAL CONNECTION
GND
CINTA
CBUFA
CINTB
IN
–
IN
+
REF
–
TEST
OSC2
OSC1
BUSY
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
L/H
OVR/POL
CONT/DEMAND
RD
CE
CS
WR
VSS
VDD
REF1
+
REF2
+
CREF1
+
CREF1
–
CREF2
–
CREF2
+
CREF2
COMMON
33
34
35
36
37
38
39
13
10
9
8
7
18
19
20
21
23
24
6
543
1
44
2
22
43
42
41
40
25
26
27
28
32
14
31
15
30
16
29
17
11
12
TC850CLW
TC850ILW
CBUFB
CINTA
CBUFA
CINTB
IN
–
NC
IN
+
DB0
DB1
DB2
DB3
DB4
NC
DB5
DB6
DB7
OVR/POL
L/H
REF2
+
–
CREF2
+
PIN CONFIGURATIONS
TC850
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com