Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS366 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS366
Description  Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS366 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS366 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Schottky Barrier Diode
1SS366
Features
Series connection of 2 elements in a very small-sized package facilitates high-density
mounting and permits 1SS366-applied equipment to be made smaller.
Small interterminal capacitance.
Low forward voltage.
High breakdown voltage.
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
V alue
U nit
Reverse V oltage
V R
10
V
F orward C urrent
IF
35
m A
Junction T em perature
T j
125
S torage tem perature
T stg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
350
420
mV
VF(2)
IF = 10 mA
480
580
mV
Forward Current
IF
VF =1V
35
mA
IR(1)
VR =2V
0.2
A
IR(2)
VR =10V
10
A
Interterminal Capacitance
C
VR = 0 V, f = 1 MHz
0.85
pF
Forward Voltage Difference
VF
IF =10mA
10
mV
Interterminal Capacitance Difference
C
VR = 0 V,f= 1MHz
0.1
pF
Forward Voltage
Reverse Current
Marking
Marking
FH


Similar Part No. - 1SS366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
More results

Similar Description - 1SS366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com