Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5355 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5355
Description  Silicon NPN Triple Diffused Mesa Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5355 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5355 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC5355 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Triple Diffused Mesa Type
2SC5355
Features
Excellent switching times: tr = 0.5 ìs (max), tf =0.3 ìs (max)
High collector breakdown voltage: VCEO = 400 V
High DC current gain: hFE =20(min)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
600
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7V
Collector current ( DC)
IC
5
Collector current (Pulse)
ICP
7
Base current
IB
1A
Collector power dissipation
Ta = 25
1.5
TC =25
25
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
PC
A
W


Similar Part No. - 2SC5355

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5355 TOSHIBA-2SC5355 Datasheet
149Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5355 TOSHIBA-2SC5355 Datasheet
161Kb / 4P
High Voltage Switching Applications
2SC5355 TOSHIBA-2SC5355_05 Datasheet
161Kb / 4P
High Voltage Switching Applications
More results

Similar Description - 2SC5355

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13002A WINGS-MJE13002A Datasheet
87Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1428 TOSHIBA-2SD1428 Datasheet
116Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1429 TOSHIBA-2SD1429 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1430 TOSHIBA-2SD1430 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
List of Unclassifed Man...
2SC3210 ETC-2SC3210 Datasheet
75Kb / 1P
Silicon NPN Triple-Diffused Junction Mesa Type
logo
Toshiba Semiconductor
2SD819 TOSHIBA-2SD819 Datasheet
93Kb / 2P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2499 TGS-2SD2499 Datasheet
92Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2553-E-1 TGS-2SD2553-E-1 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com