Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5355 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5355
Description  Silicon NPN Triple Diffused Mesa Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5355 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5355 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC5355 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB = 480 V, IE =0
100
ìA
Emitter cut-off current
IEBO
VEB =7V, IC =0
10
ìA
Collector-base breakdown voltage
V (BR) CBO
IC =1mA, IE =0
600
V
Collector-emitter breakdown voltage
V (BR) CEO
IC =10mA, IB =0
400
V
VCE =5V, IC =1mA
12
VCE =5V, IC =0.5 A
20
65
Collector-emitter saturation voltage
VCE (sat)
IC =2A, IB =0.25A
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC =2A, IB =0.25A
1.3
V
Switching time Rise time
tr
0.5
Switching time Storage time
tstg
2.0
Switching time Fall time
tf
0.3
DC current gain
ìs
hFE
Marking
Marking
C5355
2SC5355



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com