Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM680 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCM680
Description  5V TO 짹10V VOLTAGE CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCM680 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-14
TELCOM SEMICONDUCTOR, INC.
TCM680
+5V TO
±10V VOLTAGE CONVERTER
ABSOLUTE MAXIMUM RATINGS*
VIN ..................................................................................................... +6.0V
V
+
OUT .............................................................................................. +12.0V
V
–
OUT ............................................................................................. – 12.0V
V
–
OUT Short-Circuit Duration ............................ Continuous
V
+
OUT Current ............................................................ 75mA
VIN dV/dT .............................................................. 1V/µsec
Figure 1. Test Circuit
ELECTRICAL CHARACTERISTICS: VIN = +5V, TA = +25°C, test circuit Figure 1, unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Range
MIN.
≤ TA ≤ MAX., RL = 2kΩ
2.0
1.5 to 5.5
5.5
V
Supply Current
VIN = 3V, RL = ∞
—
0.5
1
mA
VIN = 5V, RL = ∞
—1
2
VIN = 5V, 0°C ≤ TA ≤ +70°C, RL = ∞
—
—
2.5
VIN = 5V, – 40°C ≤ TA ≤ +85°C, RL = ∞
——
3
Negative Charge Pump Output
IL
– = 10mA, I
L
+ = 0mA, VIN = 5V
—
140
180
Ω
Source Resistance
IL
–= 5mA, I
L
+ = 0mA, VIN = 2.8V
—
180
250
IL
–= 10mA, I
L
+ = 0mA, VIN = 5V:
0
°C ≤ TA ≤ +70°C
—
—
220
– 40
°C ≤ TA ≤ +85°C
—
—
250
Positive Charge Pump Output
IL
+ = 10mA, I
L
– = 0mA, V
IN = 5V
—
140
180
Ω
Source Resistance
IL
+ = 5mA, I
L
– = 0mA, V
IN = 2.8V
—
180
250
IL
+ = 10mA, I
L
– = 0mA, V
IN = 5V:
0
°C ≤ TA ≤ +70°C
—
—
220
– 40
°C ≤ TA ≤ +85°C
—
—
250
FOSC
Oscillator Frequency
—
21
—
kHz
PEFF
Power Efficiency
RL = 2kΩ
—85—
%
VOUT EFF
Voltage Conversion Efficiency
V
+
OUT, RL =
∞
97
99
—
%
V
–
OUT, RL =
∞
97
99
—
TelCom Semiconductor reserves the right to make changes in the circuitry or specifications detailed in this manual at any time without notice. Minimums
and maximums are guaranteed. All other specifications are intended as guidelines only. TelCom Semiconductor assumes no responsibility for the use of
any circuits described herein and makes no representations that they are free from patent infringement.
Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
Small Outline .................................................. 470mW
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
C1
C1
C2
C3
C2
V
IN
V
IN
VOUT
VOUT
VOUT
GND
GND
TCM680
4.7
µF
4.7
µF
10
µF
C4
10
µF
8
7
6
5
4
3
2
1
VOUT
C2
RL
RL
C1
–
+
–
–
+
+
+
–
+
–
PIN DESCRIPTION
8-Pin
DIP/SOIC
Symbol
Description
1C1
–
Input. Capacitor C1 negative terminal.
2C2
+
Input. Capacitor C2 positive terminal.
3C2–
Input. Capacitor C2 negative terminal.
4V
–
OUT
Output. Negative output voltage (–2VIN).
5
GND
Input. Device ground.
6VIN
Input. Power supply voltage.
7C1
+
Input. Capacitor C1 positive terminal.
8V
+
OUT
Output. Positive output voltage (+2VIN)
*Stresses above those listed in "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or other conditions above those
indicated in the operation section of the specification is not implied.
Exposure to the Absolute Maximum Ratings conditions for extended
periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com