Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM680 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TCM680
Description  5V TO 짹10V VOLTAGE CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TCM680 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-15
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TCM680
+5V TO
±10V VOLTAGE CONVERTER
Figure 4. Charge Pump – Phase 3
Phase 2
VSS transfer – Phase two of the clock connects the
negative terminal of C2 to the VSS storage capacitor C3 and
the positive terminal of C2 to ground, transferring the gener-
ated –10V to C3. Simultaneously, the positive side of capaci-
tor C1 is switched to +5V and the negative side is connected
to ground.
Phase 3
VDD charge storage – The third phase of the clock is
identical to the first phase – the charge transferred in C1
produces –5V in the negative terminal of C1, which is applied
to the negative side of capacitor C2. Since C2
+ is at +5V, the
voltage potential across C2 is 10V.
Figure 3. Charge Pump – Phase 2
DETAILED DESCRIPTION
Phase 1
VSS charge storage – The positive side of capacitors C1
and C2 are connected to +5V at the start of this phase. C1
+ is
then switched to ground and the charge in C1
– is transferred
to C2
–. Since C
2
+ is connected to +5V, the voltage potential
across capacitor C2 is now 10V.
Phase 4
VDD transfer – The fourth phase of the clock connects
the negative terminal of C2 to ground, and transfers the
generated 10V across C2 to C4, the VDD storage capacitor.
Again, simultaneously with this, the positive side of capaci-
tor C1 is switched to +5V and the negative side is connected
to ground, and the cycle begins again.
Figure 2. Charge Pump – Phase 1
V
IN = +5V
V
SS
V
DD
–5V
SW4
SW1
SW2
SW3
C
2
C
4
C
3
C
1
+
–
+
+
–
–
+
–
+5V
V
SS
V
DD
–10V
SW4
SW2
SW1
SW3
C
2
C
3
C
1
+
–
+
+
–
–
C
4
+
–
V
IN = +5V
V
SS
V
DD
–5V
SW4
SW1
SW2
SW3
C
2
C
4
C
3
C
1
+
–
+
+
–
–
+
–
Figure 5. Charge Pump – Phase 4
+5V
V
SS
V
DD
–10V
SW4
SW2
SW1
SW3
C
2
C
3
C
1
+
–
+
+
–
–
C
4
+
–
MAXIMUM OPERATING LIMITS
The TCM680 has on-chip zener diodes that clamp VIN
to 5.8V, V
+
OUT to 11.6V, and V
–
OUT to –11.6V. Never exceed
the maximum supply voltage or excessive current will be
shunted by these diodes, potentially damaging the chip. The
TCM680 will operate over the entire operating temperature
range with an input voltage of 2V to 5.5V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com