Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM810 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCM810
Description  3-PIN UP RESET MONITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM810 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCM810 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-16
TELCOM SEMICONDUCTOR, INC.
PRELIMINARY INFORMATION
3-PIN
µP RESET MONITORS
TCM809
TCM810
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VCC to GND) ................................ +6.0V
RESET, RESET ............................ – 0.3V to (VCC + 0.3V)
Input Current, VCC.. ..................................................20mA
Output Current, RESET, RESET ............................. 20mA
dV/dt (VCC) .......................................................... 100V/µS
Operating Temperature Range ............... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C)
SOT-23B-3 (derate 4mW/
°C above +70°C) ...230mW
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +260
°C
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: Vcc = 5V, TA = Operating Temperature Range unless otherwise noted.
Symbol Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Range
TA = 0°C to +70°C
1.0
—
5.5
V
TA = – 40°C to +85°C
1.2
—
5.5
ICC
Supply Current
TCM8xxL/M: VCC < 5.5V
—
24
60
µA
TCM8xxR/S/T: VCC < 3.6V
—
17
50
VTH
Reset Threshold
(Note 2)
TCM8xxL: TA = +25°C
4.56
4.63
4.70
V
TA = – 40°C to +85°C
4.50
—
4.75
TCM8xxM: TA = +25°C
4.31
4.38
4.45
TA = – 40°C to +85°C
4.25
—
4.50
TCM8xxT: TA = +25°C
3.04
3.08
3.11
TA = – 40°C to +85°C
3.00
—
3.15
TCM8xxS: TA = +25°C
2.89
2.93
2.96
TA = – 40°C to +85°C
2.85
—
3.00
TCM8xxR: TA = +25°C
2.59
2.63
2.66
TA = – 40°C to +85°C
2.55
—
2.70
Reset Threshold Tempco
—
30
—
ppm/
°C
VCC to Reset Delay
(Note 2)
VCC = VTH to (VTH – 100mV)
—
20
—
µsec
Reset Active Timeout Period
140
240
560
msec
VOL
RESET Output Voltage Low
TCM809R/S/T: VCC = VTH min, ISINK = 1.2mA
—
—
0.3
V
(TCM809)
TCM809L/M: VCC = VTH min, ISINK = 3.2mA
—
—
0.4
VCC > 1.0V, ISINK = 50µA
—
—
0.3
VOH
RESET Output Voltage High
TCM809R/S/T: VCC > VTH max, ISOURCE = 500µA
0.8 VCC
——
V
(TCM809)
TCM809L/M: VCC > VTH max, ISOURCE = 800µAVCC – 1.5
—
—
VOL
RESET Output Voltage Low
TCM810R/S/T: VCC = VTH max, ISINK = 1.2mA
—
—
0.3
V
(TCM810)
TCM810L/M: VCC = VTH max, ISINK = 3.2mA
—
—
0.4
VOH
RESET Output Voltage High
1.8 < VCC < VTH min, ISOURCE = 150µA
0.8 VCC
——
V
(TCM810)
NOTES:
1. Production testing done at TA = +25°C, over temperature limits guaranteed by design.
2. RESET output for TCM809, RESET Output for TCM810.
PIN DESCRIPTION
Pin No.
(SOT-23B-3)
Symbol
Description
1
GND
Ground
2
RESET (TCM809)
RESET output remains low while VCC is below the reset voltage threshold, and
for 240msec (140msec min.) after VCC rises above reset threshold.
2
RESET (TCM810)
RESET output remains high while VCC is below the reset voltage threshold,
and for 240msec (140msec min.) after VCC rises above reset threshold.
3VCC
Supply voltage (Typ. +3.0V to +5.0V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com