Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM810 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCM810
Description  3-PIN UP RESET MONITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM810 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCM810 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM810 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-15
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRELIMINARY INFORMATION
3-PIN
µP RESET MONITORS
FEATURES
s
Precision VCC Monitor for 3.0V, 3.3V, 5.0V
Nominal System V Supplies
s
140msec Guaranteed Minimum RESET, RESET
Output Duration
s
RESET Output Guaranteed to VCC = 1.0V (TCM809)
s
Low 17
µA Supply Current
s
VCC Transient Immunity
s
Small SOT-23B-3 Package
s
No External Components
TYPICAL APPLICATIONS
s
Computers
s
Embedded Systems
s
Battery Powered Equipment
s
Critical
µP Power Supply Monitoring
GENERAL DESCRIPTION
The TCM809 and TCM810 are cost-effective system
supervisor circuits designed to monitor VCC in digital sys-
tems and provide a reset signal to the host processor when
necessary. No external components are required.
The reset output is driven active within 20msec of VCC
falling through the reset voltage threshold. Reset is main-
tained active for a minimum of 140msec after VCC rises
above the reset threshold. The TCM810 has an active-high
reset output while the TCM809 has an active-low reset
output. The output of the TCM809 is guaranteed valid down
to VCC = 1V.
Both devices are available in a
SOT-23B-3 package.
The TCM809/810 are optimized to reject fast transient
glitches on the VCC line. Low supply current of 17µA
(VCC = 3.3V) makes these devices suitable for battery
powered applications.
TYPICAL OPERATING CIRCUIT
TCM809
TCM810
ORDERING INFORMATION
Part No.
Package
Temp. Range
TCM809xENB
SOT-23B-3
– 40
°C to +85°C
TCM810xENB
SOT-23B-3
– 40
°C to +85°C
NOTE: The "X" denotes a suffix for VCC threshold - see table below.
PIN CONFIGURATION
Suffix
Reset VCC Threshold (V)
L
4.63
M
4.38
T
3.08
S
2.93
R
2.63
TCM809
VCC
VCC
VCC
RESET
RESET
INPUT
GND
GND
PROCESSOR
VCC
RESET (RESET)
GND
TCM809xENB
TCM810xENB
1
2
3
*SOT-23B-3
NOTE: *SOT-23B-3 is equivalent to JEDEC (TO-236)
** () is for TCM810
TCM809/810-04
8/29/96


Similar Part No. - TCM810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM810 MICROCHIP-TCM810 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TCM810 MICROCHIP-TCM810 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
TCM810 MICROCHIP-TCM810 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
TCM810JEB713 MICROCHIP-TCM810JEB713 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
TCM810JELB713 MICROCHIP-TCM810JELB713 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
More results

Similar Description - TCM810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
3-Pin Reset Monitors for 5V Systems
2003
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com