Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1274 Datasheet (PDF) - Microchip Technology

TC1274 Datasheet PDF - Microchip Technology
Part # TC1274
Download  TC1274 Download
File Size   224.75 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Pin Reset Monitors for 5V Systems

TC1274 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1274 Datasheet PDF - Microchip Technology

Part # TC1274
Download  TC1274 Click to download

File Size   224.75 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Pin Reset Monitors for 5V Systems

TC1274 Datasheet (HTML) - Microchip Technology


TC1274 Product details

General Description

The TC1272/TC1273/TC1274 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required.



Features

• Precision VCCMonitor for 5.0V Systems

• 100 msec Minimum RESET, RESET Output Duration

• Output Valid to VCC= 1.2V

• VCC Transient Immunity

• Small 3-Pin SOT-23B Package

• No External Components



Applications

• Computers

• Embedded Systems

• Battery-Powered Equipment

• Critical µP Power Supply Monitoring

 




Similar Part No. - TC1274

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
4-Pin 關P Reset Monitors
2002
TC1270 MICROCHIP-TC1270 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results


Similar Description - TC1274

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
3-Pin Reset Monitors for 5V Systems
2002
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
TC1275 MICROCHIP-TC1275 Datasheet
457Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com