Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1815 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1815
Description  PNP Epitaxial Planar Silicon Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1815 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1815 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
PNP Epitaxial Planar Silicon Transistors
2SA1815
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-12
V
Emitter-base voltage
VEBO
-3
V
Collector current
IC
-50
mA
Collector dissipation
PC
250
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB = -12V , IE =0
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-2V , IC =0
-0.1
ìA
DC current Gain
hFE
VCE = -10V , IC = -5mA
60
270
Gain bandwidth product
Ft
VCE = -10V , IC = -5mA
750
MHz
Output Capacitance
Cob
VCB=-10V,f=1MHz
1.2
1.6
pF
Reverse Transfer Capacitance
Cob
VCB=-10V,f=1MHz
0.9
pF
C-E Saturation Voltage
VCE(sat)
IC=-10mA,IB=-1mA
-0.1
-0.3
V
Power Gain
PG
VCE=-10V,IC=-10mA,f=100MHz
25
dB
hFE Classification
Marking
Rank
3
4
5
hFE
60 to 120
90 to 180
135 to 270
JS
Features
High power gain:PG=25dB typ(f=100MHz)
High cutoffrequency:fT=750MHz typ
Low collector-to-emitter saturation voltage


Similar Part No. - 2SA1815

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1815 SANYO-2SA1815 Datasheet
71Kb / 3P
FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications???
logo
Guangdong Kexin Industr...
2SA1815-3 KEXIN-2SA1815-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1815-HF KEXIN-2SA1815-HF Datasheet
1Mb / 3P
PNP Transistors
2SA1815-HF-3 KEXIN-2SA1815-HF-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1815-JS3 KEXIN-2SA1815-JS3 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1815

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com