Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS138 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS138
Description  Power MOSFET 200 mA, 50 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS138 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS138 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS138 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
N-Channel SOT-23
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-to-source voltage
VDSS
50
V
Gate-to-source voltage - continuous
VGS
20
V
Drain Current
continuous @ TA =25
ID
200
mA
pulsed drain current (tp
10 ìs)
IDM
800
mA
Total power dissipation @ TA =25
PD
225
mW
Operating and storage temperature range
TJ,Tstg
-55to150
Thermal resistance,junction-to-ambient
RèJA
556
/W
Maximum lead temperature for soldering purposes,
for 10 seconds
TL
260
Power MOSFET 200 mA, 50 V
KSS138
1Gate
2 Source
3Drain
www.kexin.com.cn


Similar Part No. - KSS138

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KSS133 KEXIN-KSS133 Datasheet
48Kb / 2P
Load Switching Applications
More results

Similar Description - KSS138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138LT1 ONSEMI-BSS138LT1_05 Datasheet
64Kb / 5P
Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
BSS138LT1 ONSEMI-BSS138LT1_09 Datasheet
133Kb / 5P
Power MOSFET 200 mA, 50 V
February, 2009 ??Rev. 5
BSS138LT1 ONSEMI-BSS138LT1_11 Datasheet
105Kb / 5P
Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
logo
NXP Semiconductors
2PB709BRL NXP-2PB709BRL Datasheet
324Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1-28 June 2010
logo
ON Semiconductor
BSS138L ONSEMI-BSS138L Datasheet
117Kb / 5P
Power MOSFET 200 mA, 50 V
July, 2013 ??Rev. 8
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com