Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS138 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS138
Description  Power MOSFET 200 mA, 50 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS138 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS138 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS138 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
Marking
Marking
J1
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-to-source breakdown voltage
V(BR)DSS VGS =0V, ID = 250 ìA
50
V
Zero gate voltage drain current
VDS =25V, VGS =0
0.1
ìA
VDS =50V, VGS =0
0.5
ìA
Gate-source leakage current
IGSS
VGS =
20 V, VDS =0
0.1
ìA
Gate-source threshold voltage *
VGS(th)
VDS =VGS,ID = 1.0 mA
0.5
1.5
V
Static drain-to-source on-rResistance *
VGS =2.75V, ID <200 mA, TA =-40 to
+85
5.6
10
Ù
VGS =5.0 V, ID = 200 mA
3.5
Ù
Forward transconductance *
gfs
VDS =25V, ID = 200 mA, f = 1.0 kHz
100
mmhos
Input capacitance
Ciss
40
50
pF
Output capacitance
Coss
12
25
pF
Transfer capacitance
Crss
3.5
5
pF
Turn-on delay time
td(on)
20
ns
Turn-off delay time
td(off)
20
ns
*Pulse Width
300 ìs, Duty Cycle
2%.
VDS =25V, VGS = 0,f= 1 MHz
VDD =30V, ID =0.2 A
IDSS
rDS(on)
www.kexin.com.cn
KSS138



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com