Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS133 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS133
Description  Load Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS133 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS133 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS133 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
Load Switching Applications
KSS133
Features
Low ON-resistance.
Ultrahigh-speed switching.
2.5V drive.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-to-Source Voltage
VDSS
-20
V
Gate-to-Source Voltage
VGSS
10
V
Drain Current(DC)
ID
-8
A
Drain Current(pulse) *1
IDP
-52
A
Allowable Power Dissipation *2
PD
1.8
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55to+150
*1 PW
10
s, duty cycle
1%
*2 Mounted on a ceramic board (1200mm
2X0.8mm)


Similar Part No. - KSS133

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KSS138 KEXIN-KSS138 Datasheet
46Kb / 2P
Power MOSFET 200 mA, 50 V
More results

Similar Description - KSS133

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
Load Switching Applications
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
Load Switching Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com