Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS133 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS133
Description  Load Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS133 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS133 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS133 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-to Source Breakdown Voltage
V(BR)DSS
ID=-1mA, VGS=0
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS =-20 V, VGS =0V
-1
A
Gate-to-Source Leakage Current
IGSS
VGS =
8V, VDS =0V
10
A
Cutoff Voltage
VGS(off)
VDS =-10 V, ID = -1 mA
-0.4
-1.4
V
Forward Transfer Admittance
Yfs
VDS =-10 V, ID = -8 A
14.7
21
S
RDS(on)1
VGS =-4V, ID = -8A
18
24
RDS(on)2
VGS =-2.5V, ID = -2A
25
35
Input Capacitance
Ciss
2900
pF
Output Capacitance
Coss
570
pF
Reverse Transfer Capacitance
Crss
370
pF
Turn-on Delay Time
td(on)
27
ns
Rise Time
tr
See Specified Test Circuit
250
ns
Turn-off Delay Time
td(off)
130
ns
Fall Time
tf
180
ns
Total Gate Charge
Qg
65
nC
Gate-to-Source Charge
Qgs
4
nC
Gate-to-Drain "Miller" Charge
Qgd
8
nC
Diode Forward Voltage
VSD
IS=-8A, VGS = 0 V
-0.8
-1.5
V
VDS =-10 V,f = 1 MHz
m
Drain to Source On-state Resistance
VDS=-10V,VGS=-10V,ID=-8A
KSS133
Switching Time Test Circuit
Marking
Marking
S133



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com