Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3024IDE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 2 Page - Linear Technology

  LT3024IDE Datasheet HTML 1Page - Linear Technology LT3024IDE Datasheet HTML 2Page - Linear Technology LT3024IDE Datasheet HTML 3Page - Linear Technology LT3024IDE Datasheet HTML 4Page - Linear Technology LT3024IDE Datasheet HTML 5Page - Linear Technology LT3024IDE Datasheet HTML 6Page - Linear Technology LT3024IDE Datasheet HTML 7Page - Linear Technology LT3024IDE Datasheet HTML 8Page - Linear Technology LT3024IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3024
2
3024fa
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±20V
OUT1, OUT2 Pin Voltage .........................................±20V
Input-to-Output Differential Voltage ........................±20V
ADJ1, ADJ2 Pin Voltage............................................±7V
BYP1, BYP2 Pin Voltage ........................................±0.6V
SHDN1, SHDN2 Pin Voltage ...................................±20V
Output Short-Circut Duration ........................... Indefinite
(Note 1)
12
11
10
9
8
7
1
2
3
4
5
6
ADJ1
SHDN1
IN
IN
SHDN2
ADJ2
BYP1
OUT1
OUT1
GND
OUT2
BYP2
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
BYP1
OUT1
OUT1
GND
OUT2
BYP2
GND
GND
ADJ1
SHDN1
IN
IN
SHDN2
ADJ2
GND
17
TJMAX = 150°C, θJA = 38°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3024EDE#PBF
LT3024EDE#TRPBF
3024
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3024IDE#PBF
LT3024IDE#TRPBF
3024
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3024EFE#PBF
LT3024EFE#TRPBF
3024EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3024IFE#PBF
LT3024IFE#TRPBF
3024IFE
16-Lead Plastic TSSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3024EDE
LT3024EDE#TR
3024
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3024IDE
LT3024IDE#TR
3024
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3024EFE
LT3024EFE#TR
3024EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3024IFE
LT3024IFE#TR
3024IFE
16-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range
FE Package ........................................ –65°C to 150°C
DE Package........................................ –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(FE package only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com