Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3024IDE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 3 Page - Linear Technology

  LT3024IDE Datasheet HTML 1Page - Linear Technology LT3024IDE Datasheet HTML 2Page - Linear Technology LT3024IDE Datasheet HTML 3Page - Linear Technology LT3024IDE Datasheet HTML 4Page - Linear Technology LT3024IDE Datasheet HTML 5Page - Linear Technology LT3024IDE Datasheet HTML 6Page - Linear Technology LT3024IDE Datasheet HTML 7Page - Linear Technology LT3024IDE Datasheet HTML 8Page - Linear Technology LT3024IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3024
3
3024fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
(Notes 3, 11)
Output 2, ILOAD = 100mA
Output 1, ILOAD = 500mA
l
l
1.8
1.8
2.3
2.3
V
V
ADJ1, ADJ2 Pin Voltage
(Note 3, 4)
VIN = 2V, ILOAD = 1mA
Output 2, 2.3V < VIN < 20V, 1mA < ILOAD < 100mA
Output 1, 2.3V < VIN < 20V, 1mA < ILOAD < 500mA
l
l
1.205
1.190
1.190
1.220
1.220
1.220
1.235
1.250
1.250
V
V
V
Line Regulation (Note 3)
ΔVIN = 2V to 20V, ILOAD = 1mA
l
110
mV
Load Regulation (Note 3)
Output 2, VIN = 2.3V, ΔILOAD = 1mA to 100mA
VIN = 2.3V, ΔILOAD = 1mA to 100mA
l
112
25
mV
mV
Output 1, VIN = 2.3V, ΔILOAD = 1mA to 500mA
VIN = 2.3V, ΔILOAD = 1mA to 500mA
l
112
25
mV
mV
Dropout Voltage (Output 2)
VIN = VOUT(NOMINAL) (Notes 5, 6, 11)
ILOAD = 1mA
ILOAD = 1mA
l
0.10
0.15
0.19
V
V
ILOAD = 10mA
ILOAD = 10mA
l
0.17
0.22
0.29
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.24
0.31
0.40
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.30
0.35
0.45
V
V
Dropout Voltage (Output 1)
VIN = VOUT(NOMINAL) (Notes 5, 6, 11)
ILOAD = 10mA
ILOAD = 10mA
l
0.13
0.19
0.25
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.17
0.22
0.32
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.20
0.34
0.44
V
V
ILOAD = 500mA
ILOAD = 500mA
l
0.30
0.35
0.45
V
V
GND Pin Current (Output 2)
VIN = VOUT(NOMINAL) (Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
l
l
l
l
l
20
55
230
1
2.2
45
90
400
2
4
μA
μA
μA
mA
mA
GND Pin Current (Output 1)
VIN = VOUT(NOMINAL) (Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 500mA
l
l
l
l
l
l
30
65
1.1
2
5
11
75
120
1.6
3
8
16
μA
μA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = Full Current,
BW = 10Hz to 100kHz
20
μVRMS
ADJ Pin Bias Current
ADJ1, ADJ2 (Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.8
0.65
1.4
V
V
SHDN1/SHDN2 Pin Current
(Note 9)
VSHDN1, VSHDN2 = 0V
VSHDN1, VSHDN2 = 20V
l
l
0
1
0.5
3
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN1 = 0V, VSHDN2 = 0V
0.01
0.1
μA
Ripple Rejection
VIN = 2.72V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
ILOAD = Full Current
55
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com