Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT451 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT451
Description  High Perfromance Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT451 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT451 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
High Perfromance Transistor
FMMT451
Features
Low equivalent on-resistance.
1 Amp continuous current.
Ptot = 500mW.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5V
Peak collector current
ICM
2A
Collector current
IC
1A
Base current
IB
200
mA
Power dissipation
Ptot
500
mW
Operating and storage temperature range
Tj,Tstg
-55to+150
Marking
Marking
451
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100ìA
80
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=10mA
60
V
Emitter-base breakdown voltage
V(BR)EBO IE=100ìA
5V
Collector cutoff current
ICBO
VCB=60V
0.1
ìA
Emitter cut-off current
IEBO
VEB=4V
0.1
ìA
Collector-emitter saturation voltage *
VCE(sat) IC=150mA,IB=15mA
0.35
V
Base-emitter saturation voltage *
VBE(sat) IC=150mA,IB=15mA
1.1
V
IC=1A, VCE=10V
10
IC=150mA,VCE=10V
50
150
Current-gain-bandwidth product
fT
IC=50mA,VCE=10V,f=100MHz
150
MHz
Output capacitance
Cobo
VCB=10V,f=1MHz
15
pF
* Pulse test: tp
300 ìs; d
0.02.
Static Forward Current Transfer Ratio *
hFE


Similar Part No. - FMMT451

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT451 ZETEX-FMMT451 Datasheet
132Kb / 2P
NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451 Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
OCTOBER 1995
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT451

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT451 ZETEX-FMMT451 Datasheet
132Kb / 2P
NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451 Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
OCTOBER 1995
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
logo
IXYS Corporation
DHG40C1200HB IXYS-DHG40C1200HB Datasheet
110Kb / 4P
Sonic Fast Recovery Diode High Perfromance East Recovery Diode Low Lss and Soft Recovery Common Cathode
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com