Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3903 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT3903
Description  Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT3903 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT3903 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT3903 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Switching Transistors
FMMT3903
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6V
Collector current
IC
200
mA
Power dissipation
Ptot
330
mW
Operating and storage temperature range
Tj,Tstg
-55to+150
Features
Switching transistors


Similar Part No. - FMMT3903

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - FMMT3903

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
Switching Transistors
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
Switching Transistors
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
Switching Transistors
MPS3638 MOTOROLA-MPS3638 Datasheet
321Kb / 8P
Switching Transistors
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
Switching Transistors
September, 2009 ??Rev. 7
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
Switching Transistors
logo
ON Semiconductor
MMBT2369L ONSEMI-MMBT2369L Datasheet
94Kb / 6P
Switching Transistors
October, 2016 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
SWITCHING TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com