Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3903 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT3903
Description  Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT3903 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT3903 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT3903 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
FMMT3903
Marking
Marking
1W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=10ìA
60
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA
40
V
Emitter-base breakdown voltage
V(BR)EBO IE=10ìA
6V
Collector cutoff current
ICEX
VCE=30V, VBE(off) =3V
50
nA
Emitter cut-off current
IBEX
VCE=30V, VEB(off) =3V
50
nA
DC current gain *
hFE
IC=10mA, VCE=1V
50
150
Collector-emitter saturation voltage *
VCE(sat)
IC=10mA, IB=1mA
IC=50mA, IB=5mA
0.2
0.3
V
Base-emitter saturation voltage *
VBE(sat)
IC=10mA, IB=1mA
IC=50mA, IB=5mA
0.65
0.85
0.95
V
Current-gain-bandwidth product
fT
IC=10mA, VCE=20V f=100MHz
250
MHz
Output capacitance
Cobo
VCB=5V, IE=0, f=100KHz
4pF
Input capacitance
Cibo
VBE=0.5V, IC=0, f=100KHz
8pF
Noise figure
NF
VCE=5V IC=200ìA,Rg=2KÙ
f=30Hz to 15KHz at-3dB points
6dB
Delay time
td
35
ns
Rise time
tr
35
ns
Storage time
ts
175
ns
Fall time
tf
50
ns
* Pulse test: tp
300ìs; d
0.02.
VCC=3V, IC=10mA,IB1=1mA
VBE(off)=0.5V
VCC=3V, IC=10mA
IB1=IB2=1mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com