Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS87 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS87
Description  N-Channel Enhancement Mode Vertical D-MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS87 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS87 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS87 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
N-Channel Enhancement Mode
Vertical D-MOS Transistor
KSS87
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
1. Source
2. Drain
3. Gate
1
2
3
Features
Direct interface to C-MOS, TTL, etc.
High-speed switching
No secondary breakdown
Low RDSon.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
drain-source voltage (DC)
VDS
200
V
gate-source voltage (DC) open drain
VGSO
20
V
drain current (DC)
ID
400
mA
peak drain current
IDM
1.6
A
total power dissipation Tamb
25
*
Ptot
1W
storage temperature
Tstg
-55to150
junction temperature
Tj
150
thermal resistance from junction to ambient *
Rth j-a
125
K/W
* Device mounted on a printed-circuit board, maximum lead length 4 mm;
mounting pad for the drain lead minimum10 X
10 mm


Similar Part No. - KSS87

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSS8 ETC1-KSS8 Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
Guangdong Kexin Industr...
KSS84 KEXIN-KSS84 Datasheet
43Kb / 1P
P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - KSS87

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BS107A PHILIPS-BS107A Datasheet
49Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
PMBF107 PHILIPS-PMBF107 Datasheet
70Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSS91 PHILIPS-BSS91 Datasheet
161Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL D-MOS TRANSISTOR
August 1988
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
N-channel enhancement mode vertical D-MOS transistor
2001 May 18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com