Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS87 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSS87
Description  N-Channel Enhancement Mode Vertical D-MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSS87 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KSS87 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSS87 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
drain-source breakdown voltage
V(BR)DSS
ID = 250
A; VGS =0
200
V
VDS =60V; VGS = 0
200
nA
VDS = 200 V; VGS =0
0.1
60
A
gate-source leakage current
IGSS
VGS =
20 V; VDS =0
100
nA
gate-source threshold voltage
VGSth
ID =1mA; VGS =VDS
0.8
2.8
V
drain-source on-state resistance
RDSon
ID = 400 mA; VGS =10V
1.6
3
transfer admittance
| Yfs|ID = 400 mA; VDS = 25 V
140
750
mS
input capacitance
Ciss
VDS =25V; VGS = 0;f = 1 MHz
100
120
pF
output capacitance
Coss
VDS =25V; VGS =0;f =1MHz
20
30
pF
reverse transfer capacitance
Crss
VDS =25V; VGS =0;f =1MHz
10
15
pF
Switching turn-on time (see Figs 1 and 2)
ton
ID = 250 mA; VDD =50V;VGS = 0 to 10 V
6
10
ns
Switching turn-off time (see Figs 1 and 2)
toff
ID = 250 mA; VDD =50V;VGS =0to 10 V
49
60
ns
IDSS
drain-source leakage current
KSS87
Fig.1 Switching times test circuit.
Fig.2 Input and output waveforms.
KSS87



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com