Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS3-GD2 Datasheet(PDF) 1 Page - Allen-Bradley

Part # TLS3-GD2
Description  Guard Locking Interlocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TLS3-GD2 Datasheet(HTML) 1 Page - Allen-Bradley

  TLS3-GD2 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Safeguarding Applications
18-13
Guard Locking Interlocks
TLS3-GD2, Bulletin 800, MSR6R/T, Bulletin 100S, Dual Channel
Circuit Status
Circuit shown with guard door closed and locked (solenoid not energized), ready for motor starting.
Operating Principle
Press the Reset button to energize the outputs of the MSR6R/T. Press and release the Start button to energize K1 and K2 and latch the motor
on. The gate remains locked closed while the motor is running.
Press the Stop button to de-energize K1 and K2 and turn the motor off. The mechanically linked normally closed contacts of K1 and K2
complete the circuit to the Lock Release button. Press the Lock Release button to energize the solenoid of the TLS3-GD2 and open the gate.
Opening the contacts in the TLS3-GD2 signals the MSR6R/T that the gate is open and prevents the motor from being restarted. To restart the
motor, the gate must be closed, the Reset button pressed and released, and the Start button pressed.
The Bulletin 800 E-Stop can also be used to stop the motor.
Fault Detection
If either contactor K1or K2 sticks ON--the motor will stop on command but the guard cannot be opened (thus the fault is revealed to the
operator).
A single fault which causes solenoid energization will initiate a STOP via contacts 41-42 & 51-52. A single fault within the Minotaur will
prevent the closing of its outputs.
A single fault on the Minotaur input and output circuits will be detected and will result in the lock-out the system to a safe state (OFF) at the
next operation of the respective input device.
An open circuit fault across the solenoid energization circuit will prevent guard opening (other than by the emergency release points on the
TLS-GD2).
Comments
This system provides an interlock function of high integrity and is suitable for many high risk applications.
The solenoid is only energized when guard opening is required.
Additional safeguards must be provided to ensure that individuals are not locked in the hazard area.
Use the safety distance calculation [Ds = K(Ts + Tc +Tr) +Dpf].to ensure that the hazard is not reached before stopping. See Section 1, Safety
Principles, for details.
M
K1
K2
L1 L2 L3
A1 S13 S23
33 X1
41 13 23
A2 S14 S24
34 X2
42 14 24
K1
K2
12
22
34
11
21
33
41
42
51
52
A1
A2
Stop
Momentary
Push Button
Start
Momentary
Push Button
Guard
Closed
Fuses
TLS3-GD2
Contact
Protection
e.g. Thermal
Cut Out
Lock Release
Momentary
Push Button
K1
(Aux)
Minotaur
MSR6R/T
Set to D Channel
Set to R Mode
K2
(Aux)
Bulletin
800
Latching
E-Stop
24V AC/DC, 110V AC, 230V AC
Bulletin 100S
or 700S
Momentary
Push Button
Reset
K1(Aux)
K2 (Aux)


Similar Part No. - TLS3-GD2

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS30105111 TAOGLAS-TLS30105111 Datasheet
4Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS301F11 TAOGLAS-TLS301F11 Datasheet
6Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS301F21 TAOGLAS-TLS301F21 Datasheet
8Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
logo
Toshiba Semiconductor
TLS336S TOSHIBA-TLS336S Datasheet
262Kb / 6P
LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
TLS336T TOSHIBA-TLS336T Datasheet
248Kb / 6P
LED DISPLAY
More results

Similar Description - TLS3-GD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
logo
Allen-Bradley
440T-VMVLE10 ALLEN-BRADLEY-440T-VMVLE10 Datasheet
56Kb / 1P
Miniature Valve Interlocks
440T-MSBLE10 ALLEN-BRADLEY-440T-MSBLE10 Datasheet
75Kb / 2P
Bolt Interlocks
440K-B04025 ALLEN-BRADLEY-440K-B04025 Datasheet
105Kb / 2P
Guard Locking Switches
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
Guard Locking Switches
440G-MT ALLEN-BRADLEY-440G-MT Datasheet
122Kb / 4P
Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
Guard Locking Switches
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
Guard Locking Interlocks
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
Tongue Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
Guard Locking Interlocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com