Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3510FE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3510FE
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510FE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3510FE Datasheet HTML 7Page - Linear Technology LT3510FE Datasheet HTML 8Page - Linear Technology LT3510FE Datasheet HTML 9Page - Linear Technology LT3510FE Datasheet HTML 10Page - Linear Technology LT3510FE Datasheet HTML 11Page - Linear Technology LT3510FE Datasheet HTML 12Page - Linear Technology LT3510FE Datasheet HTML 13Page - Linear Technology LT3510FE Datasheet HTML 14Page - Linear Technology LT3510FE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3510
11
3510fc
APPLICATIONS INFORMATION
Choosing the Output Voltage
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
V
V
OUT
12
08
1
=
⎛
⎝⎜
⎞
⎠⎟
•
.
–
R2 should be 10k or less to avoid bias current errors. Refer-
ence designators refer to the Block Diagram in Figure 1.
Choosing the Switching Frequency
The LT3510 switching frequency is set by resistor R3 in
Figure 1. The RT/SYNC pin is internally regulated at 0.975V.
Setting resistor R3 sets the current in the RT/SYNC pin
which determines the oscillator frequency as illustrated
in Figure 2.
The switching frequency is typically set as high as pos-
sible to reduce overall solution size. The LT3510 employs
techniques to enhance dropout at high frequencies but
efficiency and maximum input voltage decrease due to
switching losses and minimum switch on times. The
maximum recommended frequency can be approximated
by the equation:
Frequency Hz
VV
VV
V
t
OUT
D
IN
SW
D
ON MIN
()
–
•
()
=
+
+
1
where VD is the forward voltage drop of the catch diode (D1
Figure 2), VSW is the voltage drop of the internal switch,
and tON(MIN) in the minimum on time of the switch, all at
maximum load current.
The following example along with the data in Table 1
illustrates the tradeoffs of switch frequency selection.
Example.
VIN = 25V, VOUT = 3.3V, IOUT = 2.5A,
Temperature = 0°C to 85°C
tON(MIN) = 200ns (85°C from the Typical Performance
Characteristics graph), VD = 0.6V, VSW = 0.4V (85°C)
Max Frequency
..
–.
.
•~
=
+
+
33 06
25 04 06
750
1
200e-9
kkHz
R SYNC
k Figure
T /~
(
)
42
2
Input Voltage Range
Once the switching frequency has been determined, the
input voltage range of the regulator can be determined.
The minimum input voltage is determined by either the
LT3510’s minimum operating voltage of ~2.8V, or by its
Figure 2. Frequency and Phase vs RT/SYNC Resistance
Table 1. Efficiency and Size Comparisons for Different RRT/SYNC Values. 3.3V
Output
FREQUENCY
RT/SYNC
EFFICIENCY
VVIN1/2 = 12V
VIN(MAX)†
L*
C*
L + C AREA
1.2MHz
20.5k
79.0%
16
1.5μH
22μF
63mm2
1.0MHz
26.7k
80.9%
18
2.2μH
47μF
66mm2
750kHz
38.3k
81.2%
22
3.3μH
47μF
66mm2
500kHz
61.9k
82.0%
24
4.7μH
47μF
66mm2
250kHz
133k
83.9%
24
10μH
100μF
172mm2
†VIN(MAX) is defined as the highest input voltage that maintains constant output voltage ripple.
*Inductor and capacitor values chosen for stability and constant ripple current.
RESISTANCE (kΩ)
0
20
40
60
80
100
120
140
800
1200
3510 F02
400
100
1600
600
1000
200
1400
170
180
160
150
190
165
175
155
185
FREQUENCY
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com