Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3510FE Datasheet(PDF) 13 Page - Linear Technology

Part # LT3510FE
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510FE Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3510FE Datasheet HTML 9Page - Linear Technology LT3510FE Datasheet HTML 10Page - Linear Technology LT3510FE Datasheet HTML 11Page - Linear Technology LT3510FE Datasheet HTML 12Page - Linear Technology LT3510FE Datasheet HTML 13Page - Linear Technology LT3510FE Datasheet HTML 14Page - Linear Technology LT3510FE Datasheet HTML 15Page - Linear Technology LT3510FE Datasheet HTML 16Page - Linear Technology LT3510FE Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3510
13
3510fc
and its saturation current should be about 30% higher. To
keep efficiency high, the series resistance (DCR) should
be less than 0.05
Ω.
For applications with a duty cycle of about 50%, the induc-
tor value should be chosen to obtain an inductor ripple
current less than 40% of peak switch current.
Of course, such a simple design guide will not always
result in the optimum inductor for your application. A
larger value provides a slightly higher maximum load
current, and will reduce the output voltage ripple. If your
load is lower than 2A, then you can decrease the value of
the inductor and operate with higher ripple current. This
allows you to use a physically smaller inductor, or one
with a lower DCR resulting in higher efficiency.
The current in the inductor is a triangle wave with an
average value equal to the load current. The peak switch
current is equal to the output current plus half the peak-to-
peak inductor ripple current. The LT3510 limits its switch
current in order to protect itself and the system from
overload faults. Therefore, the maximum output current
that the LT3510 will deliver depends on the current limit,
the inductor value, switch frequency, and the input and
output voltages. The inductor is chosen based on output
current requirements, output voltage ripple requirements,
size restrictions and efficiency goals.
When the switch is off, the inductor sees the output volt-
age plus the catch diode drop. This gives the peak-to-peak
ripple current in the inductor:
ΔI
DC V
V
Lf
L
OUT
D
= ()
+
()
1–
•
where f is the switching frequency of the LT3510 and L
is the value of the inductor. The peak inductor and switch
current is:
II
I
I
SW PK
LPK
OUT
L
() ==
+ Δ
2
To maintain output regulation, this peak current must be
less than the LT3510’s switch current limit ILIM. ILIM is
2.5A over the entire duty cycle range. The maximum output
current is a function of the chosen inductor value:
II
II
OUT MAX
LIM
LL
()
–. –
==
ΔΔ
2
25
2
If the inductor value is chosen so that the ripple current
is small, then the available output current will be near the
switch current limit.
One approach to choosing the inductor is to start with the
simple rule given above, look at the available inductors
and choose one to meet cost or space goals. Then use
these equations to check that the LT3510 will be able to
deliver the required output current. Note again that these
equations assume that the inductor current is continuous.
Discontinuous operation occurs when IOUT is less than
IL/2 as calculated above.
Figure 4 illustrates the inductance value needed for a 3.3V
output with a maximum load capability of 2A. Referring
to Figure 4, an inductor value between 3.3μH and 4.7μH
will be sufficient for a 15V input voltage and a switch
frequency of 750kHz. There are several graphs in the
Typical Performance Characteristics section of this data
sheet that show inductor selection as a function of input
voltage and switch frequency for several popular output
voltages and output ripple currents. Also, low inductance
Figure 4. Inductor Values for 2A Maximum Load Current
vs Frequency and Input Voltage
INPUT VOLTAGE (V)
10
250
500
750
1000
1250
1500
12.5
15
17.5
20
3510 F04
22.5
25
VOUT = 5V
IRIPPLE = 1A
L = 2.2μH
L = 3.3μH
L = 4.7μH
L = 6.8μH
L = 10μH
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com