Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT3592IMSE-TR
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-TR Datasheet(HTML) 1 Page - Linear Technology

  LT3592IMSE-TR Datasheet HTML 1Page - Linear Technology LT3592IMSE-TR Datasheet HTML 2Page - Linear Technology LT3592IMSE-TR Datasheet HTML 3Page - Linear Technology LT3592IMSE-TR Datasheet HTML 4Page - Linear Technology LT3592IMSE-TR Datasheet HTML 5Page - Linear Technology LT3592IMSE-TR Datasheet HTML 6Page - Linear Technology LT3592IMSE-TR Datasheet HTML 7Page - Linear Technology LT3592IMSE-TR Datasheet HTML 8Page - Linear Technology LT3592IMSE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3592
1
3592fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
500mA Wide Input Voltage
Range Step-Down LED Driver
with 10:1 Dimming
The LT®3592 is a fixed frequency step-down DC/DC con-
verter designed to operate as a constant-current source.
An external sense resistor monitors the output current
allowing accurate current regulation, ideal for driving
high current LEDs. The output current can be dimmed
by a factor of 10 using an external signal for nighttime
brake lights.
The high switching frequency offers several advantages by
permitting the use of a small inductor and small ceramic
capacitors. Small components combined with the LT3592’s
10-pin DFN leadless surface mount package save space and
cost versus alternative solutions. The constant switching
frequency combined with low-impedance ceramic capaci-
tors result in low, predictable output ripple.
A wide input voltage range of 3.6V to 36V makes the
LT3592 useful in a variety of applications. Current mode
PWM architecture provides fast transient response and
cycle-by-cycle current limiting. Thermal shutdown provides
additional protection.
50/500mA Two Series Red LED Driver
n Wide Input Voltage Range
Operation from 3.6V to 36V
n Resistor Adjustable 400kHz–2.2MHz Switching
Frequency
n Shorted and Open LED Protected
n Internal Switch Current Sense Resistor
n External Resistor Programs LED Current, Pin
Selects 10:1 Ratio
n 50mA/500mA LED Current Settings
n Catch Diode Current Sense to Prevent Runaway at
High VIN
n Small Thermally Enhanced 10-Lead DFN
(2mm
× 3mm) and MSOP-10 Packages
n Automotive Signal Lighting
n Industrial Lighting
n Constant-Current, Constant Voltage Supplies
Efficiency for 2 Red LEDs, L = 10μH, 900kHz
10μH
51k
3592 TA01a
4.7μF
1μF
0.4Ω
10k
0.1μF
VIN
SHDN
BRIGHT
RT
BOOST
SW
DA
CAP
OUT
VFB
LT3592
GND
ON
BRAKE
140k
900kHz
+
200/20mV
–
VIN
7V TO 32V
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
INPUT VOLTAGE (V)
4
100
95
90
60
75
70
65
80
85
55
50
20
12
24
3592 TA01b
28
16
8
BRIGHT 500mA


Similar Part No. - LT3592IMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3592IMSE LINEAR-LT3592IMSE Datasheet
297Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
More results

Similar Description - LT3592IMSE-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
White LED Driver with Wide PWM Dimming Range
April 10, 2007
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
Step Down White LED Driver with Wide 6V??5V Input Voltage
logo
Linear Integrated Syste...
DC1205A LINEAR-DC1205A Datasheet
297Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Linear Technology
LT3592 LINER-LT3592_15 Datasheet
320Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
1-A, Wide Input Range, Step-Down Converter
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
White LED Driver with Wide PWM Dimming Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com