Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT3592IMSE-TR
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3592IMSE-TR Datasheet HTML 2Page - Linear Technology LT3592IMSE-TR Datasheet HTML 3Page - Linear Technology LT3592IMSE-TR Datasheet HTML 4Page - Linear Technology LT3592IMSE-TR Datasheet HTML 5Page - Linear Technology LT3592IMSE-TR Datasheet HTML 6Page - Linear Technology LT3592IMSE-TR Datasheet HTML 7Page - Linear Technology LT3592IMSE-TR Datasheet HTML 8Page - Linear Technology LT3592IMSE-TR Datasheet HTML 9Page - Linear Technology LT3592IMSE-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3592
6
3592fa
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency vs RT
VBRIGHT vs VOUT
VDIM vs VOUT
Boost Diode Voltage vs Current
VOUT (V)
0
210
205
200
195
190
810
3592 G18
12
46
2
VBRIGHT (mV)
VOUT (V)
0
25
24
23
17
18
19
20
21
22
16
15
810
3592 G19
12
46
2
VDIM (mV)
DIODE CURRENT (mA)
0
1.0
0.9
0.6
0.7
0.8
0.5
0.4
100
150
3592 G20
200
50
VBSTDIO
RT (kΩ)
30
3000
2500
1000
1500
2000
500
0
300 330
3592 G21
360
60 90 120 150 180 210 240 270
(TA = 25°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com