Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-6809-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-6809-NET
Description  SoftwareCompatible6809CPU
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-6809-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-6809-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MC-ACT-6809
February 25, 2003
Software Compatible 6809 CPU
Datasheet v1.2
February 25, 2003
1
Optimized for
MemecCoreTM Product Line
3721 Valley Centre Drive
San Diego, CA 92130 USA
Americas:
+1 800-752-3040
Europe:
+41 (0) 32 374 32 00
Asia:
+(852) 2410 2720
E-mail: actel.info@memecdesign.com
URL:
www.memecdesign.com/actel
Product Summary
Intended Use
•
Replacing existing 6809 designs
•
System integration of 6809 designs
•
Designs with complex 8bit processors
Key Features
•
6809 Software Compatible
•
Illegal Opcode Recognition
•
On-chip Bus Concept
•
Fully Synchronous
Targeted Devices
•
Axcelerator Family
•
ProASIC
PLUS Family
•
SX-A/SX, RTSX Family
General Description
The MC-ACT-6809 is a software compatible 6809 microprocessor implemented in VHDL using a structured and
synchronous design methodology. This flexible 8-bit microprocessor can be used for low to mid range applications
and is easily integrated into recent Actel FPGA technologies. The 6809 is designed that application specific
performance enhancements (e.g., high-speed multiplier) can be integrated, too.
Memec Design built a simulation and a hardware verification environment. The simulation environment is VHDL
based and simulates the synthesizable VHDL code of the 6809. This functional VHDL testbench reading instruction
code from a file can be used for performance check, software verification or to get used to the functionality.
A demonstration board is available which shows the functionality of the 6809 in a hardware testbench.


Similar Part No. - MC-ACT-6809-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-16550-NET ACTEL-MC-ACT-16550-NET Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-16550-VLOG ACTEL-MC-ACT-16550-VLOG Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-G704E1-NET ACTEL-MC-ACT-G704E1-NET Datasheet
245Kb / 5P
ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
MC-ACT-G704E1-VHD ACTEL-MC-ACT-G704E1-VHD Datasheet
245Kb / 5P
ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
UTOPIA Level 3 PHY
More results

Similar Description - MC-ACT-6809-NET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
logo
AAEON Technology
TF-PER-M04 AAEON-TF-PER-M04 Datasheet
146Kb / 1P
Fully Compatible With Skype Software
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
Windows-compatible software control and device programming
logo
Maxim Integrated Produc...
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX5661EVCMAXQU MAXIM-MAX5661EVCMAXQU Datasheet
306Kb / 13P
Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX14578EVKIT MAXIM-MAX14578EVKIT Datasheet
2Mb / 17P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com