Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-6809-NET Datasheet(PDF) 5 Page - Actel Corporation

Part # MC-ACT-6809-NET
Description  SoftwareCompatible6809CPU
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-6809-NET Datasheet(HTML) 5 Page - Actel Corporation

  MC-ACT-6809-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Software Compatible 6809 CPU
Memec Design
February 25, 2003
5
Optimized for
Interrupts
For interrupting the MC-ACT-6809, there are 3 level-sensitive interrupts:
irq_n:
standard interrupt or interrupt request, low_active, pushes all registers on stack:
PC(Low), PC(High), U(Low), U(High), Y(Low), Y(High), X(Low), X(High), DP, B, A, CC
firq_n: fast interrupt, pushes only PC and CC on stack: PC(Low), PC(High), CC
nmi_n: non maskable interrupt, pushes all registers on stack:
PC(Low), PC(High), U(Low), U(High), Y(Low), Y(High), X(Low), X(High), DP, B, A, CC
The nmi_n is masked after reset until the system stack pointer is initialized.
The different interrupts will fetch the corresponding vector for the interrupt in the memory:
0xfff0
Illegal Instruction
0xfff2
SWI3
0xfff4
SWI2
0xfff6
FIRQ
0xfff8
IRQ
0xfffa
SWI
0xfffc
NMI
0xfffe
RESET
The interrupt behavior of the MC-ACT-6809 matches exactly the one of the original 6809 in terms of results in
registers and memory. An exception is the case where an illegal instruction is decoded by the 6809: in this case, the
reserved interrupt is used.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com