Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZ80CPU Datasheet(PDF) 1 Page - Actel Corporation

Part # CZ80CPU
Description  8-bit Microprocessor Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CZ80CPU Datasheet(HTML) 1 Page - Actel Corporation

  CZ80CPU Datasheet HTML 1Page - Actel Corporation CZ80CPU Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZ80CPU
8-bit Microprocessor Core
CAST, Inc.
April 2003
Page 1
General Description
Implements a fast, fully-functional, single-chip, 8-
bit microprocessor with the same instruction set
as the Z80.
The core has a 16-bit address bus capable of
directly accessing 64kB of memory space. It has
252 root instructions with the reserved 4 bytes as
prefixes, and accesses an additional 308
instructions. The microcode-free design is strictly
synchronous, with no internal tri-states and a
synchronous reset.
Developed for easy reuse in Actel FPGA
applications, the CZ80CPU is available optimized
for several device families with competitive
utilization and performance characteristics.
Symbol
Features
Programming features contain 208 bits of
read/write memory that are accessible to the
programmer. The internal registers include an
accumulator and six 8-bit registers that can be
paired as three 16-bit registers. In addition to
general registers, a 16-bit stack-pointer, 16-bit
program-counter, and two 16-bit index registers
are provided.
Control Unit
o 8-bit Instruction decoder
Arithmetic-Logic Unit
o 8-bit arithmetic and logical operations
o 16-bit arithmetic operations
o Boolean manipulations
Register File Unit
o Duplicate set of both general purpose and
flag registers
o Two 16-bit index registers
Interrupt Controller
o Three modes of maskable interrupts
o Non maskable interrupt
External Memory interface
o Can address up to 64 KB of program
memory
o Can address up to 64 KB of data memory
o Can address up to 64 KB of input/output
devices
On-core dynamic memory refresh counter
Applications
Suitable for many embedded controller
applications, including industrial control systems,
point-of-sale terminals, and automotive controls.


Similar Part No. - CZ80CPU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CZ80CPU ETC1-CZ80CPU Datasheet
124Kb / 5P
8-Bit Microprocessor Megafunction
More results

Similar Description - CZ80CPU

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
8-Bit Microprocessor
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
8-Bit Microprocessor
logo
Intel Corporation
8088 INTEL-8088 Datasheet
378Kb / 30P
8-BIT HMOS MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Intel Corporation
8085A INTEL-8085A Datasheet
542Kb / 11P
8-Bit Microprocessor
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
8-BIT HMOS MICROPROCESSOR
logo
Digital Core Design
DZ80 DCD-DZ80 Datasheet
130Kb / 3P
8-bit Microprocessor
logo
List of Unclassifed Man...
8080A ETC2-8080A Datasheet
660Kb / 12P
8-Bit Microprocessor
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
8-BIT MICROPROCESSOR UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com