Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZ80CPU Datasheet(PDF) 2 Page - Actel Corporation

Part # CZ80CPU
Description  8-bit Microprocessor Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CZ80CPU Datasheet(HTML) 2 Page - Actel Corporation

  CZ80CPU Datasheet HTML 1Page - Actel Corporation CZ80CPU Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Actel CompanionCore Program
CAST CZ80CPU Core Datasheet
CAST, Inc.
Page 2
Performance
The CZ80CPU is a technology-independent design that can be implemented in a variety of process technologies.
Results with representative Actel devices are shown in Table 1.
Utilization (Cells or Tiles)
Family
Device
(-speed grade)
Sequential
Combinatorial
Total
ProASIC
PLUS
APA750-STD
391 Tiles
8014 Tiles
26%
Axcelerator
AX1000-3
479
6298
38%
Table 1: Utilization Table for CZ80CPU Core implemented in Actel Devices
Deliverables
Post-synthesis EDIF netlist (source code versions are also available; contact CAST)
Extensive testbench
Simulation vectors and expected results
Place and route scripts
Detailed user’s documentation
Verification Methods
The CZ80CPU core’s functionality was verified by means of a proprietary hardware modeler. The same stimulus
was applied to a hardware model that contained the original Zilog Z84C00 chip, and the results compared with
the core’s simulation outputs.
Contact Information
CAST, Inc.
11 Stonewall Court
Woodcliff Lake, New Jersey 07677 USA
Phone: +1 201-391-8300
Fax:
+1 201-391-8694
E-Mail: info@cast-inc.com
URL : http://www.cast-inc.com/cores/actel
Copyright © 2003, CAST, Inc. All Rights Reserved. Contents subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com