Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP280T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFP280T
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP280T Datasheet(HTML) 2 Page - Vishay Siliconix

  BFP280T Datasheet HTML 1Page - Vishay Siliconix BFP280T Datasheet HTML 2Page - Vishay Siliconix BFP280T Datasheet HTML 3Page - Vishay Siliconix BFP280T Datasheet HTML 4Page - Vishay Siliconix BFP280T Datasheet HTML 5Page - Vishay Siliconix BFP280T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BFP280T/BFP280TW/BFP280TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 20-Jan-99
2 (6)
Document Number 85016
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
8
V
Emitter-base voltage
VEBO
2
V
Collector current
IC
10
mA
Total power dissipation
Tamb ≤ 114 °C
Ptot
80
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthJA
450
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com