Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP280T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFP280T
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP280T Datasheet(HTML) 3 Page - Vishay Siliconix

  BFP280T Datasheet HTML 1Page - Vishay Siliconix BFP280T Datasheet HTML 2Page - Vishay Siliconix BFP280T Datasheet HTML 3Page - Vishay Siliconix BFP280T Datasheet HTML 4Page - Vishay Siliconix BFP280T Datasheet HTML 5Page - Vishay Siliconix BFP280T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BFP280T/BFP280TW/BFP280TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 20–Jan-99
3 (6)
Document Number 85016
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
VCE = 15 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
1
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
8
V
Collector-emitter saturation voltage
IC = 5 mA, IB = 0.5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio
VCE = 1 V, IC = 0.25 mA
hFE
50
90
150
VCE = 1 V, IC = 3 mA
hFE
50
100
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 1 V, IC = 3 mA, f = 500 MHz
fT
5
GHz
qy
VCE = 5 V, IC = 6 mA, f = 500 MHz
fT
7
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 8 V, f = 1 MHz
Cce
0.15
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.3
pF
Noise figure
VCE = 1 V, IC = 3 mA, ZS = ZSopt,
f = 900 MHz
F
1.6
dB
VCE = 1 V, IC = 3 mA, ZS = ZSopt,
f = 1.75 GHz
F
2.4
dB
Power gain
f = 900 MHz, ZS = 50 W, ZL = ZLopt,
IC = 3 mA, VCE = 1 V
Gpe
16
dB
f = 900 MHz, ZS = 50 W, ZL = ZLopt,
IC = 6 mA, VCE = 5 V
Gpe
19
dB
Transducer gain
VCE = 5 V, IC = 6 mA, f = 1 GHz,
Z0 = 50 W
S21e2
15
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com