Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3755 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3755 Datasheet HTML 9Page - Linear Technology LT3755 Datasheet HTML 10Page - Linear Technology LT3755 Datasheet HTML 11Page - Linear Technology LT3755 Datasheet HTML 12Page - Linear Technology LT3755 Datasheet HTML 13Page - Linear Technology LT3755 Datasheet HTML 14Page - Linear Technology LT3755 Datasheet HTML 15Page - Linear Technology LT3755 Datasheet HTML 16Page - Linear Technology LT3755 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3755/LT3755-1
13
37551fa
APPLICATIONS INFORMATION
between zero and full current to achieve a precisely pro-
grammed average current. To make this method of current
control more accurate, the switch demand current is stored
on the VC node during the quiescent phase when PWM is
low. This feature minimizes recovery time when the PWM
signal goes high. To further improve the recovery time, a
disconnect switch may be used in the LED current path to
prevent the ISP node from discharging during the PWM
signal low phase. The minimum PWM on or off time will
depend on the choice of operating frequency through the
RT input. For best current accuracy, the minimum PWM
low or high time should be at least six switching cycles
(6μs for fSW=1MHz).MaximumPWMperiodisdetermined
by the system and is unlikely to be longer than 12ms.
The maximum PWM dimming ratio (PWM(RATIO)) can be
calculated from the maximum PWM period (tMAX) and the
minimum PWM pulse width (tMIN) as follows:
PWM
t
t
RATIO
MAX
MIN
=
tMAX = 9ms, tMIN = 6μs (fSW = 1MHz)
PWMRATIO = 9ms/6μs = 1500:1
Programming the Switching Frequency
The RT frequency adjust pin allows the user to program
the switching frequency from 100kHz to 1MHz to optimize
efficiency/performance or external component size. Higher
frequency operation yields smaller component size but
increases switching losses and gate driving current, and
may not allow sufficiently high or low duty cycle operation.
Lower frequency operation gives better performance at the
cost of larger external component size. For an appropri-
ate RT resistor value see Table 1 or Figure 4. An external
resistor from the RT pin to GND is required—do not leave
this pin open.
Table 1. Switching Frequency vs RT Value (1% Resistors)
fOSC (kHz)
RT (kΩ)
1000
10
400
28.7
200
53.6
100
100
Duty Cycle Considerations
Switching duty cycle is a key variable defining converter
operation, therefore, its limits must be considered when
programming the switching frequency for a particular
application. The fixed minimum on-time and minimum
off-time (see Figure 5) and the switching frequency define
the minimum and maximum duty cycle of the switch,
respectively. The following equations express the mini-
mum/maximum duty cycle:
Min Duty Cycle = (minimum on-time) • switching
frequency
Max Duty Cycle = 1 – (minimum off-time) • switching
frequency
When calculating the operating limits, the typical values
for on/off-time in the datasheet should be increased by
Figure 4. Switching Frequency vs RT
RT (k)
37551 F04
10000
1000
100
10
10
100
Figure 5. Typical Minimum On and Off
Pulse Width vs Temperature
0
100
200
300
50
150
250
37551 F05
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
MINIMUM ON-TIME
MINIMUM OFF-TIME
CGATE = 3300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com