Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3755 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 2 Page - Linear Technology

  LT3755 Datasheet HTML 1Page - Linear Technology LT3755 Datasheet HTML 2Page - Linear Technology LT3755 Datasheet HTML 3Page - Linear Technology LT3755 Datasheet HTML 4Page - Linear Technology LT3755 Datasheet HTML 5Page - Linear Technology LT3755 Datasheet HTML 6Page - Linear Technology LT3755 Datasheet HTML 7Page - Linear Technology LT3755 Datasheet HTML 8Page - Linear Technology LT3755 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3755/LT3755-1
2
37551fa
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................40V
SHDN/UVLO............................................ 40V, VIN + 0.3V
ISP, ISN .....................................................................75V
INTVCC ...................................................... 8V, VIN + 0.3V
GATE, PWMOUT........................................INTVCC + 0.3V
CTRL, PWM, OPENLED.............................................12V
VC, VREF, SS, FB..........................................................3V
(Note 1)
ORDER INFORMATION
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VREF
PWM
SYNC OR OPENLED
SS
FB
PWMOUT
GATE
SENSE
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
PWMOUT
FB
ISN
ISP
VC
CTRL
VREF
PWM
16
15
14
13
12
11
10
9
GATE
SENSE
VIN
INTVCC
SHDN/UVLO
RT
SS
SYNC OR OPENLED
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
TJMAX = 125°C, θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SYNC ..........................................................................8V
RT ............................................................................1.5V
SENSE......................................................................0.5V
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3755EUD#PBF
LT3755EUD#TRPBF
3755
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755IUD#PBF
LT3755IUD#TRPBF
3755
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755EUD-1#PBF
LT3755EUD-1#TRPBF
37551
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755IUD-1#PBF
LT3755IUD-1#TRPBF
37551
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755EMSE#PBF
LT3755EMSE#TRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE#PBF
LT3755IMSE#TRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755EMSE-1#PBF
LT3755EMSE-1#TRPBF
37551
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE-1#PBF
LT3755IMSE-1#TRPBF
37551
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com