Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SR Datasheet(PDF) 13 Page - Actel Corporation

Part # COREAI-SR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SR Datasheet(HTML) 13 Page - Actel Corporation

Back Button COREAI-SR Datasheet HTML 9Page - Actel Corporation COREAI-SR Datasheet HTML 10Page - Actel Corporation COREAI-SR Datasheet HTML 11Page - Actel Corporation COREAI-SR Datasheet HTML 12Page - Actel Corporation COREAI-SR Datasheet HTML 13Page - Actel Corporation COREAI-SR Datasheet HTML 14Page - Actel Corporation COREAI-SR Datasheet HTML 15Page - Actel Corporation COREAI-SR Datasheet HTML 16Page - Actel Corporation COREAI-SR Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CoreAI
v2.0
13
Table 14 • ADC Control Register 1 (low-order)
Bits
Name
Function
7
Reserved
Not used
6
ADCRESET
ADC Reset (write-only)
1 – The ADC is given an active high pulse (connected to the ADCRESET pin of the AB macro). Note
that this write-only bit is active for only one PCLK clock cycle (self-clearing).
0 – Normal (no operation or current conversion continues)
5
PWRDN
ADC Power Down
1 – The ADC is powered down.
0 – The ADC is powered up (normal operation).
4
VAREFSEL
ADC Voltage Reference Select
1 – Select external voltage reference (3.3 V max.) to be used (input on VAREF and GNDREF ports)
0 – Select internal voltage reference (2.56 V) to be used (output on VAREF port)
3:0
MODE[3:0]
ADC Mode Selection
The mode selection bits are used to select between 8-, 10-, and 12-bit ADC resolution.
(Refer to the
Fusion datasheet for further information.)
Table 15 • ADC Control Register 1 (high-order)
Bits
Name
Function
7:0
TVC[7:0]
ADC Clock Divider
(Refer to the
Fusion datasheet for further information.)
Table 16 • ADC Control Register 2 (low-order)
Bits
Name
Function
7:0
STC[7:0]
ADC Sample Time Control
(Refer to the
Fusion datasheet for further information.)
Table 17 • ADC Control Register 2 (high-order)
Bits
Name
Function
7:6
Reserved
Not used
5
ADCSTART
ADC Start Conversion (write-only)
1 – The ADC starts an analog-to-digital conversion on the selected channel. Note that this write-
only bit is high for only one PCLK clock cycle (self-clearing).
0 – Normal (no operation or current conversion continues)
4:0
CHNUMBER[4:0]
ADC Channel Number
This 5-bit value selects one of 32 analog channels that are fed to the analog MUX within the AB
macro.
(Refer to the
Fusion datasheet for further information.)
Table 18 • ADC Control Register 3 (low-order)
Bits
Name
Function
7:0
CMSTB[7:0]
Current Monitor Strobes
These bits are connected to the CMSTB[7:0] pins of the AB macro.
(Refer to the
Fusion datasheet for further information.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com