Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SR Datasheet(PDF) 20 Page - Actel Corporation

Part # COREAI-SR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SR Datasheet(HTML) 20 Page - Actel Corporation

Back Button COREAI-SR Datasheet HTML 16Page - Actel Corporation COREAI-SR Datasheet HTML 17Page - Actel Corporation COREAI-SR Datasheet HTML 18Page - Actel Corporation COREAI-SR Datasheet HTML 19Page - Actel Corporation COREAI-SR Datasheet HTML 20Page - Actel Corporation COREAI-SR Datasheet HTML 21Page - Actel Corporation COREAI-SR Datasheet HTML 22Page - Actel Corporation COREAI-SR Datasheet HTML 23Page - Actel Corporation COREAI-SR Datasheet HTML 24Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
CoreAI
20
v2.0
ACM Writes
An example of writing data into the ACM is illustrated in
Figure 5. The steps for writing information into the AB
block via the ACM are as follows:
1. Read the ACM Control/Status register to make
sure that CoreAI is not busy processing an ACM
read or write.
2. Write the desired ACM address to the ACM
Address register.
3. Write the desired ACM data to the ACM Data
register.
4. Keep reading the ACM Control/Status register
until CoreAI is not busy processing the ACM
write.
ACM Reads
An example of reading data from the ACM is illustrated
in Figure 6. The steps for reading information from the
AB block via the ACM are as follows:
1. Read the ACM Control/Status register to make
sure that CoreAI is not busy processing an ACM
read or write.
2. Write the desired ACM address to the ACM
Address register.
3. Write a logic 1 to the ACMRDSTART bit of the
ACM Control/Status register.
4. Keep reading the ACM Control/Status register
until CoreAI is not busy processing the ACM read.
5. Read the ACM Data register to read the byte of
ACM data that is now available from the AB
block.
Note: 8-bit APB reads and writes are shown.
Figure 5 • ACM Write Procedure
PCLK
PADDR[4:0]
PWRITE
PSEL
PENABLE
PWDATA[7:0]
PRDATA[7:0]
ACMCtrlStat
ACMAddr
ACMData
ACMCtrlStat
ACMADDR[7:0]
ACMDATA[7:0]
00
08
00
Note: 8-bit APB reads and writes are shown.
Figure 6 • ACM Read Procedure
PCLK
PADDR[4:0]
PWRITE
PSEL
PENABLE
PWDATA[7:0]
PRDATA[7:0]
ACMCtrlStat
ACMAddr
ACMCtrlStat
ACMData
ACMADDR[7:0]
02
00
04
00
ACMDATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com