Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-AR Datasheet(PDF) 1 Page - Actel Corporation

Part # COREAI-AR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-AR Datasheet(HTML) 1 Page - Actel Corporation

  COREAI-AR Datasheet HTML 1Page - Actel Corporation COREAI-AR Datasheet HTML 2Page - Actel Corporation COREAI-AR Datasheet HTML 3Page - Actel Corporation COREAI-AR Datasheet HTML 4Page - Actel Corporation COREAI-AR Datasheet HTML 5Page - Actel Corporation COREAI-AR Datasheet HTML 6Page - Actel Corporation COREAI-AR Datasheet HTML 7Page - Actel Corporation COREAI-AR Datasheet HTML 8Page - Actel Corporation COREAI-AR Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2006
v 2 . 0
1
© 2006 Actel Corporation
CoreAI
Product Summary
Intended Use
•
Analog Interface Control Using a Microprocessor/
Microcontroller and an Actel FusionTM Device
•
Voltage, Current, and Temperature Monitoring
Using a Microprocessor/Microcontroller and an
Actel Fusion Device
Key Features
•
ADC Conversions Controlled by MCU/MPU Writes
•
AMBA APB Slave Interface (8- or 16-Bit Data
Widths Supported)
•
14 Maskable Interrupt Sources
•
Internal Clock Divider for Generating Analog
Configuration MUX Clock
•
Optional Read FIFO Stores up to 256 ADC
Conversion Results
•
Analog Configuration MUX Can Be Configured by
SmartGen
Supported Families
•
Fusion (including M7 devices)
Core Deliverables
•
Evaluation Version
–
Compiled
RTL
Simulation
Model
Fully
Supported in Actel Libero® Integrated Design
Environment (IDE)
•
Netlist Version
–
Structural Verilog and VHDL Netlists (with and
without I/O Pads) Compatible with Actel
Designer Software Place-and-Route Tool
–
Compiled
RTL
Simulation
Model
Fully
Supported in Actel Libero IDE
•
RTL Version
–
Verilog and VHDL Core Source Code
–
Core Synthesis Scripts
•
Testbench (Verilog and VHDL)
Synthesis and Simulation Support
•
Directly Supported within Actel Libero IDE and
CoreConsole
•
Synthesis: Synplicity®, Synopsys® (Design Compiler /
FPGA Compiler / FPGA Express), Exemplar
•
Simulation: OVI-Compliant Verilog Simulators and
Vital-Compliant VHDL Simulators
Core Verification
•
Comprehensive VHDL and Verilog Testbenches
•
User Can Easily Modify User Testbench Using
Existing Format to Add Custom Tests
General Description
CoreAI (Analog Interface) allows for simple control of
the analog peripherals within the Fusion family of Actel
devices. Control may be implemented with an internal or
external microprocessor or microcontroller (such as
Core8051 or CoreMP7), or with user-created custom logic
within the FPGA fabric. The industry-standard AMBA
(Advanced
Microcontroller
Bus
Architecture)
APB
(Advanced Peripheral Bus) slave interface is used as the
primary control mechanism within CoreAI.
CoreAI instantiates the AB (Analog Block) macro, as
shown in Figure 1 on page 2. The AB macro includes the
Contents
General Description ................................................... 1
Functional Block Descriptions ................................... 3
CoreAI Device Requirements ..................................... 3
CoreAI Verification ..................................................... 3
I/O Signal Descriptions ............................................... 4
Parameter/Generic Descriptions ................................ 6
Internal CoreAI Registers ......................................... 10
ACM Interface .......................................................... 18
RTC Operation .......................................................... 21
ADC Operation ......................................................... 22
Interrupt Logic ......................................................... 23
Ordering Information .............................................. 24
Datasheet Categories ............................................... 24


Similar Part No. - COREAI-AR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREAES128 ACTEL-COREAES128 Datasheet
146Kb / 13P
CoreAES128
COREAES128-AN ACTEL-COREAES128-AN Datasheet
146Kb / 13P
CoreAES128
COREAES128-AR ACTEL-COREAES128-AR Datasheet
146Kb / 13P
CoreAES128
COREAES128-EV ACTEL-COREAES128-EV Datasheet
146Kb / 13P
CoreAES128
COREAES128-SN ACTEL-COREAES128-SN Datasheet
146Kb / 13P
CoreAES128
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com