Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-AR Datasheet(PDF) 23 Page - Actel Corporation

Part # COREAI-AR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-AR Datasheet(HTML) 23 Page - Actel Corporation

Back Button COREAI-AR Datasheet HTML 17Page - Actel Corporation COREAI-AR Datasheet HTML 18Page - Actel Corporation COREAI-AR Datasheet HTML 19Page - Actel Corporation COREAI-AR Datasheet HTML 20Page - Actel Corporation COREAI-AR Datasheet HTML 21Page - Actel Corporation COREAI-AR Datasheet HTML 22Page - Actel Corporation COREAI-AR Datasheet HTML 23Page - Actel Corporation COREAI-AR Datasheet HTML 24Page - Actel Corporation COREAI-AR Datasheet HTML 25Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
CoreAI
v2.0
23
ADC Result Read FIFO
An optional read FIFO, capable of holding up to 256
analog-to-digital conversions, is instantiated in CoreAI
when the USE_RDFIFO parameter/generic is set to 1. The
controlling element that is connected to CoreAI (internal
or external microprocessor or microcontroller, or custom
FPGA logic) can read resulting ADC conversions from this
FIFO when desired. Resulting ADC conversion data is
always written into the FIFO 12 bits at once, regardless of
the ADC resolution (8-, 10-, or 12-bit), and is MSB-
justified so that the resulting values are always of the
same order of magnitude. The steps for reading resulting
ADC conversion data from the read FIFO are as follows:
1. Read the Read FIFO Status register to check if
there is data in the FIFO (not empty).
2. If the APB_16BIT_DATA parameter/generic is set to
0 (8-bit mode), read the Read FIFO Data Output
register twice in a row to retrieve the lower 8 bits
then the upper 4 bits of ADC conversion data. If
the APB_16BIT_DATA parameter/generic is set to 1
(16-bit mode), read the Read FIFO Data Output
register once to retrieve all 12 bits of ADC
conversion data.
3. Repeat steps 1 and 2 until the Read FIFO is empty.
Note that although the ADC conversion results are
stored as one 16-bit word, the four upper bits of this 16-
bit word are reserved for possible future use. Since there
is no channel information associated with each ADC
conversion word, it is up to the user to maintain
temporal coherency between conversions and resulting
data.
Interrupt Logic
Although polling operations have been described to
control the ACM and ADC, wherein status registers are
periodically read (polled), the INTERRUPT output may be
connected to a microprocessor or microcontroller to
indicate similar events (e.g., ACM reads and writes
completing, ADC calibration events, read FIFO events,
etc.). In this case, interrupt service routines may be
written in software to determine what actions, if any,
should be taken for each of the interrupt events. Any or
all interrupt events can be disabled by writing logic 0
values to the INTEN[14:0] register bits to mask the effect
of each of the interrupt sources; it is the responsibility of
the microprocessor/microcontroller software developer
to determine what should or should not be masked.
Note: 8-bit APB reads and writes are shown.
Figure 8 • ADC End of Conversion
PCLK
PADDR[4:0]
PWRITE
PSEL
PENABLE
PWDATA[7:0]
PRDATA[7:0]
ADCStat(hi)
ADCStat(hi)
ADCStat(lo)
20
20
15
55
ADC Conversion Ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com