Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030-V2CS289 Datasheet(PDF) 12 Page - Actel Corporation

Part # AGLP030-V2CS289
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030-V2CS289 Datasheet(HTML) 12 Page - Actel Corporation

Back Button AGLP030-V2CS289 Datasheet HTML 6Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 7Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 8Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 9Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 10Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 11Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 12Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 13Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 14Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IGLOO PLUS Device Family Overview
1- 8
v1.3
I/Os with Advanced I/O Standards
The IGLOO PLUS family of FPGAs features a flexible I/O structure, supporting a range of voltages
(1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V). IGLOO PLUS FPGAs support many different I/O standards.
The I/Os are organized into four banks. All devices in IGLOO PLUS have four banks. The
configuration of these banks determines the I/O standards supported.
Each I/O module contains several input, output, and output enable registers.
Part Number and Revision Date
Part Number 51700102-001-3
Revised December 2008
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version
Changes in Current Version (v1.3)
Page
v1.2
(August 2008)
A note was added to Table 1-1 · IGLOO PLUS Product Family: "AGLP060 in
CS201 does not support the PLL."
I
Table 1-2 · Package Dimensions was updated to change the nominal size of
VQ176 from 100 to 400 mm2.
II
v1.1
(July 2008)
The VQ128 and VQ176 packages were added to Table 1-1 · IGLOO PLUS
Product
Family,
the
"I/Os
Per
Package 1"
table,
Table 1-2 · Package
Dimensions, "IGLOO PLUS Ordering Information", and the "Temperature
Grade Offerings" table.
I to IV
v1.0
(March 2008)
As a result of the Libero IDE v8.4 release, Actel now offers a wide range of
core voltage support. The document was updated to change 1.2 V / 1.5 V to
1.2 V to 1.5 V.
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com