Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030-V2CS289 Datasheet(PDF) 3 Page - Actel Corporation

Part # AGLP030-V2CS289
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030-V2CS289 Datasheet(HTML) 3 Page - Actel Corporation

  AGLP030-V2CS289 Datasheet HTML 1Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 2Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 3Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 4Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 5Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 6Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 7Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 8Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IGLOO PLUS Low-Power Flash FPGAs
v1.3
III
IGLOO PLUS Ordering Information
Notes:
1. Marking information: IGLOO PLUS V2 devices do not have a V2 marking, but IGLOO PLUS V5 devices are marked
accordingly.
2. The DC and switching characteristics for the –F speed grade targets are based only on simulation.
The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only
supported in the Commercial temperature range.
3. "G" indicates RoHS-compliant packages.
Speed Grade
Blank = Standard
F = 20% Slower than Standard*
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
AGLP125
V2
CS
_
Part Number
Package Type
289
I
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C ambient temperature)
I= Industrial (
–40°C to +85°C ambient temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging
PP = Pre-Production
ES =Engineering Sample (room temperature only)
30,000 System Gates
AGLP030 =
60,000 System Gates
AGLP060=
125,000 System Gates
AGLP125 =
CS = Chip Scale Package (0.5 mm and 0.8 mm pitches)
VQ = Very Thin Quad Flat Pack (0.4 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com