Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CS100 Datasheet(PDF) 1 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 1 Page - Actel Corporation

  EX128-CS100 Datasheet HTML 1Page - Actel Corporation EX128-CS100 Datasheet HTML 2Page - Actel Corporation EX128-CS100 Datasheet HTML 3Page - Actel Corporation EX128-CS100 Datasheet HTML 4Page - Actel Corporation EX128-CS100 Datasheet HTML 5Page - Actel Corporation EX128-CS100 Datasheet HTML 6Page - Actel Corporation EX128-CS100 Datasheet HTML 7Page - Actel Corporation EX128-CS100 Datasheet HTML 8Page - Actel Corporation EX128-CS100 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
June 2006
i
© 2006 Actel Corporation
eX Family FPGAs
Leading Edge Performance
•
240 MHz System Performance
•
350 MHz Internal Performance
•
3.9 ns Clock-to-Out (Pad-to-Pad)
Specifications
•
3,000 to 12,000 Available System Gates
•
Maximum 512 Flip-Flops (Using CC Macros)
•0.22
µm CMOS Process Technology
•
Up to 132 User-Programmable I/O Pins
Features
•
High-Performance, Low-Power Antifuse FPGA
•
LP/Sleep Mode for Additional Power Savings
•
Advanced Small-Footprint Packages
•
Hot-Swap Compliant I/Os
•
Single-Chip Solution
•Nonvolatile
•
Live on Power-Up
•
No Power-Up/Down Sequence Required for Supply
Voltages
•
Configurable Weak-Resistor Pull-Up or Pull-Down
for Tristated Outputs during Power-Up
•
Individual Output Slew Rate Control
•
2.5 V, 3.3 V, and 5.0 V Mixed-Voltage Operation
with 5.0V Input Tolerance and 5.0V Drive Strength
•
Software Design Support with Actel Designer and
Libero™ Integrated Design Environment (IDE)
Tools
•
Up to 100% Resource Utilization with 100% Pin
Locking
•
Deterministic Timing
•
Unique In-System Diagnostic and Verification
Capability with Silicon Explorer II
•
Boundary Scan Testing in Compliance with IEEE
Standard 1149.1 (JTAG)
•
Fuselock™
Secure
Programming
Technology
Prevents Reverse Engineering and Design Theft
Product Profile
FuseLock
Device
eX64
eX128
eX256
Capacity
System Gates
Typical Gates
3,000
2,000
6,000
4,000
12,000
8,000
Register Cells
Dedicated Flip-Flops
Maximum Flip-Flops
64
128
128
256
256
512
Combinatorial Cells
128
256
512
Maximum User I/Os
84
100
132
Global Clocks
Hardwired
Routed
1
2
1
2
1
2
Speed Grades
–F, Std, –P
–F, Std, –P
–F, Std, –P
Temperature Grades*
C, I, A
C, I, A
C, I, A
Package (by pin count)
TQFP
CSP
64, 100
49, 128
64, 100
49, 128
100
128, 180
Note: *Refer to the eX Automotive Family FPGAs datasheet for details on automotive temperature offerings.
v4.3


Similar Part No. - EX128-CS100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-CS100 ACTEL-EX128-CS100 Datasheet
404Kb / 44P
eX Automotive Family FPGAs
EX128-CS100A ACTEL-EX128-CS100A Datasheet
404Kb / 44P
eX Automotive Family FPGAs
EX128-CS100I ACTEL-EX128-CS100I Datasheet
404Kb / 44P
eX Automotive Family FPGAs
More results

Similar Description - EX128-CS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
54SX Family FPGAs
EX128 ETC1-EX128 Datasheet
307Kb / 36P
eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
ACT2 Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
eX Automotive Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com