Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CS100 Datasheet(PDF) 18 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 18 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 14Page - Actel Corporation EX128-CS100 Datasheet HTML 15Page - Actel Corporation EX128-CS100 Datasheet HTML 16Page - Actel Corporation EX128-CS100 Datasheet HTML 17Page - Actel Corporation EX128-CS100 Datasheet HTML 18Page - Actel Corporation EX128-CS100 Datasheet HTML 19Page - Actel Corporation EX128-CS100 Datasheet HTML 20Page - Actel Corporation EX128-CS100 Datasheet HTML 21Page - Actel Corporation EX128-CS100 Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
eX Family FPGAs
1- 14
v4.3
2.5 V LVCMOS2 Electrical Specifications
Symbol
Commercial
Industrial
Parameter
Min.
Max.
Min.
Max.
Units
VOH
VCCI = MIN, VI = VIH or VIL
(IOH = -100 µA)
2.1
2.1
V
VCCI = MIN, VI = VIH or VIL
(IOH = -1 mA)
2.0
2.0
V
VCCI = MIN, VI = VIH or VIL
(IOH = -2 mA)
1.7
1.7
V
VOL
VCCI = MIN, VI = VIH or VIL
(IOL= 100 µA)
0.2
0.2
V
VCCI = MIN, VI = VIH or VIL
(IOL= 1mA)
0.4
0.4
V
VCCI = MIN,VI = VIH or VIL
(IOL= 2 mA)
0.7
0.7
V
VIL
Input Low Voltage, VOUT ≤ VOL(max)
–0.3
0.7
-0.3
0.7
V
VIH
Input High Voltage, VOUT ≥ VOH(min)
1.7
VCCI + 0.3
1.7
VCCI +
0.3
V
IIL/ IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
1,2
Input Transition Time
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
1.0
3.0
mA
IV Curve
Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html.
Notes:
1. tR is the transition time from 0.7 V to 1.7 V.
2. tF is the transition time from 1.7 V to 0.7 V.
3. ICC max Commercial –F = 5.0 mA
4. ICC = ICCI + ICCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com