Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFQ591
Description  isc Silicon NPN RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFQ591 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFQ591 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFQ591
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CES
Collector-Emitter Breakdown Voltage
IC= 0.1mA ; IB= 0
15
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1m A ; IE= 0
20
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1m A ; IC= 0
3
V
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0
0.1
μA
hFE
DC Current Gain
IC= 70mA ; VCE= 8V
60
250
fT
Current-Gain—Bandwidth Product
IC= 70mA ; VCE= 12V; f= 1GHz
7
GHz
PG
Power Gain
IC= 70mA;VCE= 12V; f= 900MHz
11
dB
PG
Power Gain
IC= 70mA;VCE= 12V; f= 2GHz
5.5
dB
Cre
Feedback Capacitance
IE= 0 ; VCB= 12V; f= 1MHz
0.8
pF
︱S21e︱
2
Insertion Power Gain
IC= 70mA ; VCE= 12V; f= 1GHz
10
dB
VO
Output Voltage
note
700
mV
Note:
dim = 60 dB (DIN45004B); Vp = Vo; Vq = Vo
−6 dB; fp = 795.25 MHz; fq = 803.25 MHz; fr = 803.25 MHz;
measured @ f(p+q+r) = 793.25 MHz.
isc Website
www.iscsemi.cn
:
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com