Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFQ591
Description  isc Silicon NPN RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFQ591 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFQ591 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFQ591 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFQ591
DESCRIPTION
·High Power Gain
·High Current Gain Bandwidth Product
·Low Noise Figure
APPLICATIONS
·Designed for use in MATV or CATV amplifiers and RF
communications subscribers equipment.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
200
mA
PC
Collector Power Dissipation
@TC=25℃
2.25
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - BFQ591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ591 PHILIPS-BFQ591 Datasheet
72Kb / 11P
NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
251Kb / 11P
NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFQ591 PHILIPS-BFQ591 Datasheet
263Kb / 11P
NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
logo
New Jersey Semi-Conduct...
BFQ591 NJSEMI-BFQ591 Datasheet
87Kb / 2P
Silicon NPN RF Transistor
More results

Similar Description - BFQ591

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com