Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911L Datasheet (PDF) - Inchange Semiconductor Company Limited

MMBR911L Datasheet PDF - Inchange Semiconductor Company Limited
Part # MMBR911L
Download  MMBR911L Download
File Size   179.58 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

MMBR911L Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBR911L Datasheet PDF - Inchange Semiconductor Company Limited

Part # MMBR911L
Download  MMBR911L Click to download

File Size   179.58 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

MMBR911L Datasheet (HTML) - Inchange Semiconductor Company Limited


MMBR911L Product details

DESCRIPTION
• High Gain
   GNF = 17 dB TYP. @ IC= 10 mA, f = 500 MHz
• Low Noise Figure
   NF= 1.7dB TYP. @ f= 500 MHz
• High Current-Gain Bandwidth Product
   fT = 6.0 GHz TYP. @ IC= 30 mA

APPLICATIONS
• Designed for low noise, wide dynamic range front-end amplifiers and low-noise VCO’S.




Similar Part No. - MMBR911L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MMBR911L NJSEMI-MMBR911L Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Motorola, Inc
MMBR911LT1 MOTOROLA-MMBR911LT1 Datasheet
78Kb / 6P
NPN Silicon High-Frequency Transistor
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
MMBR911LT1G ADPOW-MMBR911LT1G Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
More results


Similar Description - MMBR911L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com