Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC1862 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISC1862 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISC1862
Download  ISC1862 Download
File Size   302.42 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

ISC1862 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC1862 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISC1862
Download  ISC1862 Click to download

File Size   302.42 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

ISC1862 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISC1862 Product details

DESCRIPTION
• Collector Current :IC= 100mA
• Collector-Emitter Breakdown Voltage-
   : V(BR)CEO= 12V(Min)
• High gain:
   ︱ S21e ︱ 2 = 11 dB (typical) ( IC=20mA,f=1GHz)
• Gain bandwidth product:
   fT = 7 GHZ (typical) (IC=20mA)

APPLICATIONS
• Designed for VHF, UHF and CATV high frequency wideband low noise amplifier applications.




Similar Part No. - ISC1862

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISC1864 ISC-ISC1864 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
ISC1864 ISC-ISC1864_V01 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
ISC1868 ISC-ISC1868 Datasheet
216Kb / 1P
isc Triacs
More results


Similar Description - ISC1862

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com