Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFS520 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFS520
Download  BFS520 Download
File Size   195.46 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFS520 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS520 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFS520
Download  BFS520 Click to download

File Size   195.46 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFS520 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFS520 Product details

DESCRIPTION

·Low Noise Figure

   NF = 1.1 dB TYP. @VCE = 6 V, IC = 5 mA, f = 900 MHz

·High Current-Gain—Bandwidth Product

   fT= 9 GHz TYP. @VCE = 6 V, IC = 20 mA, f = 1 GHz



APPLICATIONS

·Designed for wideband applications such as satellite TV tuners,cellular phones, cordless phones,pagers etc, with signal frequencies up to 2 GHz.



 




Similar Part No. - BFS520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS520 PHILIPS-BFS520 Datasheet
113Kb / 11P
NPN 9 GHz wideband transistor
September 1995
BFS520 NXP-BFS520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
DONGGUAN YOU FENG WEI E...
BFS520 YFWDIODE-BFS520 Datasheet
847Kb / 7P
NPN Transistor
logo
SHIKUES Electronics
BFS520 SKTECHNOLGY-BFS520 Datasheet
530Kb / 3P
NPN Silicon RF Transistor
logo
Quanzhou Jinmei Electro...
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
NPN 9 GHz wideband transistor
More results


Similar Description - BFS520

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com