Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFS520
Description  isc Silicon NPN RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFS520 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFS520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 4Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 5Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 6Page - Inchange Semiconductor Company Limited BFS520 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFS520
DESCRIPTION
·Low Noise Figure
NF = 1.1 dB TYP. @VCE = 6 V, IC = 5 mA, f = 900 MHz
·High Current-Gain—Bandwidth Product
fT= 9 GHz TYP. @VCE = 6 V, IC = 20 mA, f = 1 GHz
APPLICATIONS
·Designed for wideband applications such as satellite TV
tuners,cellular phones, cordless phones,pagers etc, with
signal frequencies up to 2 GHz.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCES
Collector-Emitter Voltage
RBE= 0
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
70
mA
PC
Collector Power Dissipation
@TC=25℃
0.3
W
TJ
Junction Temperature
175
Tstg
Storage Temperature Range
-65~150
isc Website:www.iscsemi.cn


Similar Part No. - BFS520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS520 PHILIPS-BFS520 Datasheet
113Kb / 11P
NPN 9 GHz wideband transistor
September 1995
BFS520 NXP-BFS520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
DONGGUAN YOU FENG WEI E...
BFS520 YFWDIODE-BFS520 Datasheet
847Kb / 7P
NPN Transistor
logo
SHIKUES Electronics
BFS520 SKTECHNOLGY-BFS520 Datasheet
530Kb / 3P
NPN Silicon RF Transistor
logo
Quanzhou Jinmei Electro...
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
NPN 9 GHz wideband transistor
More results

Similar Description - BFS520

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com